Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8312AYILF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 8312AYILF
Description  Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8312AYILF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 8312AYILF Datasheet HTML 5Page - Integrated Device Technology 8312AYILF Datasheet HTML 6Page - Integrated Device Technology 8312AYILF Datasheet HTML 7Page - Integrated Device Technology 8312AYILF Datasheet HTML 8Page - Integrated Device Technology 8312AYILF Datasheet HTML 9Page - Integrated Device Technology 8312AYILF Datasheet HTML 10Page - Integrated Device Technology 8312AYILF Datasheet HTML 11Page - Integrated Device Technology 8312AYILF Datasheet HTML 12Page - Integrated Device Technology 8312AYILF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
©2015 Integrated Device Technology, Inc
December 14, 2015
8312I Datasheet
Table 5E. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ± 0.2V, TA = -40°C to 85°C
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from the VDD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltage and with equal load conditions.
Using the same type of input on each device, the output is measured at VDDO/2.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
Table 5F. AC Characteristics, VDD = 2.5V ± 5%, VDDO = 1.8V ± 0.2V, TA = -40°C to 85°C
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from the VDD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltage and with equal load conditions.
Using the same type of input on each device, the output is measured at VDDO/2.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
200
MHz
tpLH
Propagation Delay, Low to High; NOTE 1
ƒ
 200MHz
1.5
2.5
3.5
ns
tjit
Buffer Additive Phase Jitter, RMS; refer to
Additive Phase Jitter Section
100MHz, Integration Range:
12kHz – 20MHz
0.136
ps
tsk(o)
Output Skew; NOTE 2, 5
150
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 5
1.4
ns
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
800
ps
odc
Output Duty Cycle
ƒ
 100MHz
45
55
%
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
200
MHz
tpLH
Propagation Delay, Low to High; NOTE 1
ƒ
 200MHz
1.4
2.7
3.9
ns
tjit
Buffer Additive Phase Jitter, RMS; refer to
Additive Phase Jitter Section
100MHz, Integration Range:
12kHz – 20MHz
0.114
ps
tsk(o)
Output Skew; NOTE 2, 5
160
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 5
1.6
ns
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
800
ps
odc
Output Duty Cycle
ƒ
 100MHz
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com