Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8312AYILF Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 8312AYILF
Description  Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8312AYILF Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 8312AYILF Datasheet HTML 10Page - Integrated Device Technology 8312AYILF Datasheet HTML 11Page - Integrated Device Technology 8312AYILF Datasheet HTML 12Page - Integrated Device Technology 8312AYILF Datasheet HTML 13Page - Integrated Device Technology 8312AYILF Datasheet HTML 14Page - Integrated Device Technology 8312AYILF Datasheet HTML 15Page - Integrated Device Technology 8312AYILF Datasheet HTML 16Page - Integrated Device Technology 8312AYILF Datasheet HTML 17Page - Integrated Device Technology 8312AYILF Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
©2015 Integrated Device Technology, Inc
December 14, 2015
8312I Datasheet
Reliability Information
Table 6. JA vs. Air Flow Table for a 32 Lead LQFP
NOTE: Most modern PCB design use multi-layered boards. The data in the second row pertains to most designs.
Transistor Count
The transistor count for 8312I is: 339
JA vs. Air Flow
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com