Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8312AYILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 8312AYILF
Description  Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8312AYILF Datasheet(HTML) 3 Page - Integrated Device Technology

  8312AYILF Datasheet HTML 1Page - Integrated Device Technology 8312AYILF Datasheet HTML 2Page - Integrated Device Technology 8312AYILF Datasheet HTML 3Page - Integrated Device Technology 8312AYILF Datasheet HTML 4Page - Integrated Device Technology 8312AYILF Datasheet HTML 5Page - Integrated Device Technology 8312AYILF Datasheet HTML 6Page - Integrated Device Technology 8312AYILF Datasheet HTML 7Page - Integrated Device Technology 8312AYILF Datasheet HTML 8Page - Integrated Device Technology 8312AYILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
©2015 Integrated Device Technology, Inc
December 14, 2015
8312I Datasheet
Function Tables
Table 3A. Output Enable and Clock Enable Function Table
Table 3B. Output Enable and Clock Enable Function Table
Inputs
Outputs
OE
CLK_EN
Q [0:11]
0X
Hi-Z
10
LOW
1
1
Follows CLK input
Inputs
Outputs
OE
CLK_EN
CLK
Q [0:11]
11
0
LOW
11
1
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com