Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8312AYILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8312AYILF
Description  Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8312AYILF Datasheet(HTML) 1 Page - Integrated Device Technology

  8312AYILF Datasheet HTML 1Page - Integrated Device Technology 8312AYILF Datasheet HTML 2Page - Integrated Device Technology 8312AYILF Datasheet HTML 3Page - Integrated Device Technology 8312AYILF Datasheet HTML 4Page - Integrated Device Technology 8312AYILF Datasheet HTML 5Page - Integrated Device Technology 8312AYILF Datasheet HTML 6Page - Integrated Device Technology 8312AYILF Datasheet HTML 7Page - Integrated Device Technology 8312AYILF Datasheet HTML 8Page - Integrated Device Technology 8312AYILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
©2015 Integrated Device Technology, Inc
December 14, 2015
General Description
The 8312I is a low skew, 1-to-12 LVCMOS/ LVTTL Fanout Buffer
and a member of the family of High Performance Clock Solutions
from IDT. The 8312I single-ended clock input accepts LVCMOS or
LVTTL input levels. The low impedance LVCMOS outputs are
designed to drive 50
 series or parallel terminated transmission
lines. The effective fanout can be increased from 12 to 24 by
utilizing the ability of the outputs to drive two series terminated
lines.
The 8312I is characterized at full 3.3V, 2.5V, and 1.8V, mixed
3.3V/2.5V, 3.3V/1.8V and 2.5V/1.8V output operating supply
modes. Guaranteed output and part-to-part skew characteristics
along with the 1.8V output capabilities makes the 8312I ideal for
high performance, single ended applications that also require a
limited output voltage.
Features
• Twelve LVCMOS/LVTTL outputs
• CLK input supports the following input types: LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Output skew: 160ps (maximum)
• Supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
1.8V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
8312I
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
VDD
CLK_EN
CLK
GND
OE
VDD
GND
Q4
VDDO
Q5
GND
Q6
VDDO
Q7
GND
Pin Assignment
D
LE
Q
Q[0:11]
CLK_EN
OE
CLK
Pullup
Pulldown
Pullup
12
Block Diagram
8312I
Datasheet
Low Skew, 1-to-12 LVCMOS/LVTTL
Fanout Buffer


Similar Part No. - 8312AYILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8312AYILF RENESAS-8312AYILF Datasheet
493Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
8312AYILFT RENESAS-8312AYILFT Datasheet
493Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results

Similar Description - 8312AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS83948I-147 ICST-ICS83948I-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
ICS8312I ICST-ICS8312I Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
logo
Integrated Device Techn...
8312 IDT-8312_15 Datasheet
295Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
8312I RENESAS-8312I Datasheet
493Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com