Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 71Page - Texas Instruments TMS320DM642 Datasheet HTML 72Page - Texas Instruments TMS320DM642 Datasheet HTML 73Page - Texas Instruments TMS320DM642 Datasheet HTML 74Page - Texas Instruments TMS320DM642 Datasheet HTML 75Page - Texas Instruments TMS320DM642 Datasheet HTML 76Page - Texas Instruments TMS320DM642 Datasheet HTML 77Page - Texas Instruments TMS320DM642 Datasheet HTML 78Page - Texas Instruments TMS320DM642 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 178 page
background image
www.ti.com
5.3.2
Power-Supply Design Considerations
DVDD
CVDD
VSS
C6000
DSP
Schottky
Diode
I/O Supply
Core Supply
GND
5.3.3
Power-Supply Decoupling
5.3.4
Peripheral Power-Down Operation
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A dual-power supply with simultaneous sequencing can be used to eliminate the delay between core and
I/O power up. A Schottky diode can also be used to tie the core rail to the I/O rail (see Figure 5-5).
Figure 5-5. Schottky Diode Diagram
Core and I/O supply voltage regulators should be located close to the DSP (or DSP array) to minimize
inductance and resistance in the power delivery path. Additionally, when designing for high-performance
applications utilizing the C6000™ platform of DSPs, the PC board should include separate power planes
for core, I/O, and ground, all bypassed with high-quality low-ESL/ESR capacitors.
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the DSP. Assuming 0603 caps, the user should be able to fit a total of 60 caps, 30 for
the core supply and 30 for the I/O supply. These caps need to be close to the DSP power pins, no more
than 1.25 cm maximum distance to be effective. Physically smaller caps, such as 0402, are better
because of their lower parasitic inductance. Proper capacitance values are also important. Small bypass
caps (near 560 pF) should be closest to the power pins. Medium bypass caps (220 nF or as large as can
be obtained in a small package) should be next closest. TI recommends no less than 8 small and
8 medium caps per supply (32 total) be placed immediately next to the BGA vias, using the "interior" BGA
space and at least the corners of the "exterior".
Eight larger caps (4 for each supply) can be placed further away for bulk decoupling. Large bulk caps (on
the order of 100 µF) should be furthest away (but still as close as possible). No less than 4 large caps per
supply (8 total) should be placed outside of the BGA.
Any cap selection needs to be evaluated from a yield/manufacturing point-of-view. As with the selection of
any component, verification of capacitor availability over the product’s production lifetime should be
considered.
The DM642 device can be powered down in three ways:
• Power-down due to pin configuration
• Power-down due to software configuration – relates to the default state of the peripheral configuration
bits in the PERCFG register.
• Power-down during run-time via software configuration
On the DM642 device, the HPI, PCI, and EMAC and MDIO peripherals are controlled (selected) at the pin
level during chip reset (e.g., PCI_EN, HD5, and MAC_EN pins).
DM642 Peripheral Information and Electrical Specifications
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com