Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 19Page - Texas Instruments TMS320DM642 Datasheet HTML 20Page - Texas Instruments TMS320DM642 Datasheet HTML 21Page - Texas Instruments TMS320DM642 Datasheet HTML 22Page - Texas Instruments TMS320DM642 Datasheet HTML 23Page - Texas Instruments TMS320DM642 Datasheet HTML 24Page - Texas Instruments TMS320DM642 Datasheet HTML 25Page - Texas Instruments TMS320DM642 Datasheet HTML 26Page - Texas Instruments TMS320DM642 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 178 page
background image
www.ti.com
HHWIL/PTRDY
HCNTL0/PSTOP
HCNTL1/PDEVSEL
Data
Register Select
Half-Word
Select
Control
HPI (A)
(Host-Port Interface)
32
HD[15:0]/AD[15:0]
HAS/PPAR
HR/W/PCBE2
HCS/PPERR
HDS1/PSERR
HDS2/PCBE1
HRDY/PIRDY
HINT/PFRAME
(HPI16 ONLY)
HD[15:0]/AD[15:0]
HR/W/PCBE2
HDS2/PCBE1
PCBE0
GP0[12]/PGNT
GP0[11]/PREQ
GP0[14]/PCLK
HINT/PFRAME
GP0[13]/PINTA
Data/Address
Arbitration
32
Clock
Control
PCI Interface (B)
HAS/PPAR
GP0[15]/PRST
HRDY/PIRDY
HCNTL0/PSTOP
HHWIL/PTRDY
GP0[10]/PCBE3
GP0[9]/PIDSEL
HCNTL1/PDEVSEL
HDS1/PSERR
Error
Command
Byte Enable
Serial
EEPROM
XSP_DO/MDIO
XSP_CS
XSP_CLK/MDCLK
XSP_DI
HCS/PPERR
HD[31:16]/AD[31:16](C)
HD[31:16]/AD[31:16](C)
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A.
These HPI pins are muxed with the PCI peripheral. By default, these signals function as HPI. For more details on
these muxed pins, see the Device Configurations section of this data sheet.
B.
These PCI pins (excluding PCBE0 and XSP_CS) are muxed with the HPI or MDIO or GP0 peripherals. By default,
these signals function as HPI and no function, respectively. For more details on these muxed pins, see the Device
Configurations section of this data sheet.
C.
These HPI/PCI data pins (HD[31:16/AD[31:16]) are muxed with the EMAC peripheral. By default, these pins function
as HPI. For more details on the EMAC pin functions, see the Ethernet MAC (EMAC) peripheral signals section and
the terminal functions table portions of this data sheet.
Figure 2-9. HPI/PCI Peripheral Signals
Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com