Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 17Page - Texas Instruments TMS320DM642 Datasheet HTML 18Page - Texas Instruments TMS320DM642 Datasheet HTML 19Page - Texas Instruments TMS320DM642 Datasheet HTML 20Page - Texas Instruments TMS320DM642 Datasheet HTML 21Page - Texas Instruments TMS320DM642 Datasheet HTML 22Page - Texas Instruments TMS320DM642 Datasheet HTML 23Page - Texas Instruments TMS320DM642 Datasheet HTML 24Page - Texas Instruments TMS320DM642 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 178 page
background image
www.ti.com
2.5.2
Signal Groups Description
TRST
GP0[7]/EXT_INT7(B)
IEEE Standard
1149.1
(JTAG)
Emulation
Reserved
Reset and
Interrupts
Control/Status
TDI
TDO
TMS
TCK
EMU0
EMU1
NMI
GP0[6]/EXT_INT6(B)
GP0[5]/EXT_INT5(B)
GP0[4]/EXT_INT4(B)
RESET
RSV07
RSV06
Clock/PLL
CLKIN
CLKMODE1
CLKMODE0
PLLV
EMU2
EMU3
EMU4
EMU5
GP0
General-Purpose Input/Output 0 (GP0) Port
GP0[7]/EXT_INT7(B)
GP0[6]/EXT_INT6(B)
GP0[5]/EXT_INT5(B)
GP0[4]/EXT_INT4(B)
GP0[3]/PCIEEAI
CLKOUT6/GP0[2](A)
CLKOUT4/GP0[1](A)
GP0[0]
CLKOUT6/GP0[2](A)
CLKOUT4/GP0[1](A)
EMU6
EMU7
EMU8
EMU9
EMU10
GP0[15]/PRST(C)
GP0[14]/PCLK(C)
GP0[13]/PINTA (C)
GP0[12]/PGNT(C)
GP0[11]/PREQ(C)
GP0[10]/PCBE3(C)
GP0[9]/PIDSEL(C)
VDAC/GP0[8]/PCI66(C)
RSV08
EMU11
RSV04
RSV03
RSV05
Peripheral
Control/Status
PCI_EN
TOUT0/MAC_EN
RSV01
RSV00
RSV02
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A.
These pins are muxed with the GP0 pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6).
To use these muxed pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly
enabled and configured. For more details, see the Device Configurations section of this data sheet.
B.
These pins are GP0 pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is
EXT_INTx or GPIO as input-only.
C.
These GP0 pins are muxed with the PCI peripheral pins and by default these signals are set up to no function with
both the GPIO and PCI pin functions disabled. For more details on these muxed pins, see the Device Configurations
section of this data sheet.
Figure 2-7. CPU and Peripheral Signals
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com