Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM642 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 91Page - Texas Instruments TMS320DM642 Datasheet HTML 92Page - Texas Instruments TMS320DM642 Datasheet HTML 93Page - Texas Instruments TMS320DM642 Datasheet HTML 94Page - Texas Instruments TMS320DM642 Datasheet HTML 95Page - Texas Instruments TMS320DM642 Datasheet HTML 96Page - Texas Instruments TMS320DM642 Datasheet HTML 97Page - Texas Instruments TMS320DM642 Datasheet HTML 98Page - Texas Instruments TMS320DM642 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 178 page
background image
www.ti.com
5.8.2
EMIF Peripheral Register Description(s)
5.8.3
EMIF Electrical Data/Timing
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-21. EMIFA Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0180 0000
GBLCTL
EMIFA global control
0180 0004
CECTL1
EMIFA CE1 space control
0180 0008
CECTL0
EMIFA CE0 space control
0180 000C
–
Reserved
0180 0010
CECTL2
EMIFA CE2 space control
0180 0014
CECTL3
EMIFA CE3 space control
0180 0018
SDCTL
EMIFA SDRAM control
0180 001C
SDTIM
EMIFA SDRAM refresh control
0180 0020
SDEXT
EMIFA SDRAM extension
0180 0024 – 0180 003C
–
Reserved
0180 0040
PDTCTL
Peripheral device transfer (PDT) control
0180 0044
CESEC1
EMIFA CE1 space secondary control
0180 0048
CESEC0
EMIFA CE0 space secondary control
0180 004C
–
Reserved
0180 0050
CESEC2
EMIFA CE2 space secondary control
0180 0054
CESEC3
EMIFA CE3 space secondary control
0180 0058 – 0183 FFFF
–
Reserved
5.8.3.1
Asynchronous Memory Timing
Table 5-22. Timing Requirements for Asynchronous Memory Cycles for EMIFA Module
(1) (2)
(see Figure 5-17 and Figure 5-18)
–500
–600
NO.
UNIT
–720
MIN
MAX
3
tsu(EDV-AREH)
Setup time, AEDx valid before AARE high
6.5
ns
4
th(AREH-EDV)
Hold time, AEDx valid after AARE high
1
ns
6
tsu(ARDY-EKO1H)
Setup time, AARDY valid before AECLKOUTx high
3
ns
7
th(EKO1H-ARDY)
Hold time, AARDY valid after AECLKOUTx high
2.5
ns
(1)
To ensure data setup time, simply program the strobe width wide enough. AARDY is internally synchronized. The AARDY signal is only
recognized two cycles before the end of the programmed strobe time and while AARDY is low, the strobe time is extended
cycle-by-cycle. When AARDY is recognized low, the end of the strobe time is two cycles after AARDY is recognized high. To use
AARDY as an asynchronous input, the pulse width of the AARDY signal should be wide enough (e.g., pulse width = 2E) to ensure setup
and hold time is met.
(2)
RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters
are programmed via the EMIF CE space control registers.
DM642 Peripheral Information and Electrical Specifications
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com