Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LSM Datasheet(PDF) 21 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 21 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 17Page - ELM Electronics ELM327LSM Datasheet HTML 18Page - ELM Electronics ELM327LSM Datasheet HTML 19Page - ELM Electronics ELM327LSM Datasheet HTML 20Page - ELM Electronics ELM327LSM Datasheet HTML 21Page - ELM Electronics ELM327LSM Datasheet HTML 22Page - ELM Electronics ELM327LSM Datasheet HTML 23Page - ELM Electronics ELM327LSM Datasheet HTML 24Page - ELM Electronics ELM327LSM Datasheet HTML 25Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
21 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Descriptions (continued)
JTM1
[ set the J1939 Timer Multiplier to 1 ]
This used to set the AT ST time multiplier to 1, for
the SAE J1939 protocol. As of firmware v2.1, this
command now simply calls the CTM1 command.
JTM5
[ set the J1939 Timer Multiplier to 5 ]
This used to set the AT ST time multiplier to 5, for
the SAE J1939 protocol. As of firmware v2.1, this
command now simply calls the CTM5 command.
KW
[ display the Key Words ]
When the ISO 9141-2 and ISO 14230-4 protocols
are initialized, two special bytes (key words) are
passed to the ELM327 (the values are used internally
to determine whether a particular protocol variation
can be supported by the ELM327). If you wish to see
what the value of these bytes were, simply send the
AT KW command.
KW0 and KW1
[ Key Word checks off or on ]
The ELM327 looks for specific bytes (called key
words) to be sent to it during the ISO 9141-2 and
ISO14230-4 initiation sequences. If the bytes are not
found, the initiation is said to have failed (you might
see ‘UNABLE TO CONNECT’ or perhaps ‘BUS INIT:
...ERROR’). This might occur if you are trying to
connect to a non-OBD compliant ECU, or perhaps to
an older one.
If you wish to experiment with non-standard
systems, you may have to tell the ELM327 to perform
the initiation sequence, but ignore the contents of the
bytes that are sent and received. To do this, send:
>AT KW0
After turning keyword checking off, the ELM327
will still require the two key word bytes in the
response, but will not look at the actual values of the
bytes. It will also send an acknowledgement to the
ECU, and will wait for the final response from it (but
will not stop and report an error if none is received).
This may allow you to make a connection in an
otherwise ‘impossible’ situation. Normal behaviour can
be returned with AT KW1, which is the default setting.
L0 and L1
[ Linefeeds off or on ]
This option controls the sending of linefeed
characters after each carriage return character. For
AT L1, linefeeds will be generated after every carriage
return character, and for AT L0, they will be off. Users
will generally wish to have this option on if using a
terminal program, but off if using a custom computer
interface (as the extra characters transmitted will only
serve to slow the communications down). The default
setting is determined by the voltage at pin 7 during
power on (or reset). If the level is high, then linefeeds
are on by default; otherwise they will be off.
LP
[ go to the Low Power mode ]
This command causes the ELM327 to shut off all
but ‘essential services’ in order to reduce the power
consumption to a minimum. The ELM327 will respond
with an ‘OK’ (but no carriage return) and then, one
second later, will change the state of the PwrCtrl
output (pin 16) and will enter the low power (standby)
mode. The IC can be brought back to normal operation
through a character received at the RS232 input or a
rising edge at the IgnMon (pin 15) input, in addition to
the usual methods of resetting the IC (power off then
on, a low on pin 1, or a brownout). See the Power
Control section (page 65) for more information.
M0 and M1
[ Memory off or on ]
The ELM327 has internal ‘non-volatile’ memory
that is capable of remembering the last protocol used,
even after the power is turned off. This can be
convenient if the IC is often used for one particular
protocol, as that will be the first one attempted when
next powered on. To enable this memory function, it is
necessary to either use an AT command to select the
M1 option, or to have chosen ‘memory on’ as the
default power on mode (by connecting pin 5 of the
ELM327 to a high logic level).
When the memory function is enabled, each time
that the ELM327 finds a valid OBD protocol, that
protocol will be memorized (stored) and will become
the new default. If the memory function is not enabled,
protocols
found
during
a
session
will
not
be
memorized, and the ELM327 will always start at power
up using the same (last saved) protocol.
If the ELM327 is to be used in an environment
where the protocol is constantly changing, it would
likely be best to turn the memory function off, and
issue an AT SP 0 command once. The SP 0 command
tells the ELM327 to start in an 'Automatic' protocol
search mode, which is the most useful for an unknown
environment. ICs come from the factory set to this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com