| Electronic Components Datasheet Search |
|
ELM327LSM Datasheet(PDF) 13 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327LSM Datasheet(HTML) 13 Page - ELM Electronics |
|
13 / 94 page ![]() <CR> [ repeat the last command ] Sending a single carriage return character causes the ELM327 to repeat the last command that it performed. This is typically used when you wish to obtain updates to a value at the fastest possible rate - for example, you may send 01 0C to obtain the engine rpm, then send only a carriage return character each time you wish to receive an update. AL [ Allow Long messages ] The standard OBDII protocols restrict the number of data bytes in a message to seven, which the ELM327 normally does as well (for both send and receive). If AL is selected, the ELM327 will allow long sends (eight data bytes) and long receives (unlimited in number). The default is AL off (and NL selected). AMC [ display Activity Monitor Count ] The Activity Monitor uses a counter to determine just how active the ELM327's OBD inputs are. Every time that activity is detected, this counter is reset, while if there is no activity, the count goes up (every 0.655 seconds). This count then represents the time since activity was last detected, and may be useful when writing your own logic based on OBD activity. The counter will not increment past FF (internal logic stops it there), and stays at 00 while monitoring. 13 of 94 ELM327L ELM327L DSA Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com AT Command Summary (continued) CAN Specific Commands (continued) D0, D1 display of the DLC off*, or on FC SM h Flow Control, Set the Mode to h FC SH hhh FC, Set the Header to hhh FC SH hhhhhhhh Set the Header to hhhhhhhh FC SD [1 - 5 bytes] FC, Set Data to [...] PB xx yy Protocol B options and baud rate RTR send an RTR message V0, V1 use of Variable DLC off*, or on J1939 CAN Specific Commands (protocols A to C) DM1 monitor for DM1 messages JE use J1939 Elm data format* JHF0, JHF1 Header Formatting off, or on* JS use J1939 SAE data format JTM1 set Timer Multiplier to 1* JTM5 set Timer Multiplier to 5 MP hhhh Monitor for PGN 0hhhh MP hhhh n “ “ and get n messages MP hhhhhh Monitor for PGN hhhhhh MP hhhhhh n “ “ and get n messages AT Command Descriptions The following describes each AT Command that the current version of the ELM327 supports: AMT hh [ set the Act Mon Timeout to hh ] When the Activity Monitor Count (ie time) exceeds a certain threshold, the ELM327 decides that there is no OBD activity. It might then give an ACT ALERT message or switch to Low Power operation, depending on how the bits of PP 0F are set. The threshold setting is determined by either PP 0F bit 4, or by the AT AMT value, should you provide it. The actual time to alarm will be (hh+1) x 0.65536 seconds. Note that a value of 00 is accepted for AMT, but is used to block all Activity Monitor outputs. AR [ Automatically set the Receive address ] Responses from the vehicle will be acknowledged and displayed by the ELM327, if the internally stored receive address matches the address that the message is being sent to. With the auto receive mode in effect, the value used for the receive address will be chosen based on the current header bytes, and will automatically be updated whenever the header bytes are changed. The value that is used for the receive address is determined based on such things as the contents of the first header byte, and whether the message uses physical addressing, functional addressing, or if the user has set a value with the SR or RA commands. Auto Receive is turned on by default, and is not used by the J1939 protocol. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |