Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LSM Datasheet(PDF) 39 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 39 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 35Page - ELM Electronics ELM327LSM Datasheet HTML 36Page - ELM Electronics ELM327LSM Datasheet HTML 37Page - ELM Electronics ELM327LSM Datasheet HTML 38Page - ELM Electronics ELM327LSM Datasheet HTML 39Page - ELM Electronics ELM327LSM Datasheet HTML 40Page - ELM Electronics ELM327LSM Datasheet HTML 41Page - ELM Electronics ELM327LSM Datasheet HTML 42Page - ELM Electronics ELM327LSM Datasheet HTML 43Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
To this point we have only discussed the contents
(data portion) of an OBD message, and made only
passing mention of other parts such as headers and
checksums, which all messages use to some extent.
On Board Diagnostics systems are designed to be
very flexible, providing a means for several devices to
communicate with one another. In order for messages
to be sent between devices, it is necessary to add
information describing the type of information being
sent, the device that it is being sent to, and perhaps
which device is doing the sending. Additionally, the
importance of the message becomes a concern as
well – crankshaft position information is certainly of
considerably more importance to a running engine
than a request for the number of trouble codes stored,
or the vehicle serial number. So to convey importance,
messages are also assigned a priority.
The
information
describing
the
priority,
the
intended recipient, and the transmitter are usually
needed by the recipient even before they know the
type of request that the message contains. To ensure
that this information is obtained first, OBD systems
transmit it at the start (or head) of the message. Since
these bytes are at the head, they are usually referred
39 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
to as header bytes. Figure 3 below shows a typical
OBD
message
structure
that
is
used
by
the
SAE J1850, ISO 9141-2, and ISO 14230-4 standards.
It uses 3 header bytes as shown, to provide details
concerning
the
priority,
the
receiver,
and
the
transmitter. Note that many texts refer to the receiver
as the ‘Target Address’ (TA), and the transmitter as
the ‘Source Address’ (SA).
Another concern when sending any message is
that errors might occur in the transmission, and the
received data may be falsely interpreted. To detect
errors, the various protocols all provide some form of
check on the received data. This may be as simple as
a sum calculation (ie a ‘running total’ of byte values)
that is sent at the end of a message. If the receiver
also calculates a sum as bytes are received, then the
two values can be compared and if they do not agree,
the receiver will know that an error has occurred.
Since simple sums might not detect multiple errors, a
more reliable (and more complicated) sum called a
Cyclic Redundancy Check (or ‘CRC’) is often used. All
of the protocols specify how errors are to be detected,
and the various ways of handling them if they occur.
The
OBD
data
bytes
are
thus
normally
Figure 3. An OBD Message
Figure 4. A CAN OBD Message
up to 7 data bytes
checksum
3 header bytes
priority
receiver
transmitter
TA
SA
OBD Message Formats
ID bits (11 or 29)
7 data bytes
checksum
PCI
data bytes (8 in total)
‘header’ bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com