Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LSM Datasheet(PDF) 71 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 71 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 67Page - ELM Electronics ELM327LSM Datasheet HTML 68Page - ELM Electronics ELM327LSM Datasheet HTML 69Page - ELM Electronics ELM327LSM Datasheet HTML 70Page - ELM Electronics ELM327LSM Datasheet HTML 71Page - ELM Electronics ELM327LSM Datasheet HTML 72Page - ELM Electronics ELM327LSM Datasheet HTML 73Page - ELM Electronics ELM327LSM Datasheet HTML 74Page - ELM Electronics ELM327LSM Datasheet HTML 75Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Programmable Parameter Summary (continued)
P
RS232 baud rate divisor
baud rate (in kbps) = 4000 ÷ (PP 0C value)
For example, 500 kbps requires a setting of 08 (since 4000/8 = 500)
Here are some example baud rates, and the divisor to be used:
68
(38.4)
00 to FF
0C
Notes:
1. The PP 0C value must be provided as hex digits only. The
decimal values (listed above in brackets) are only shown for
your convenience.
2. The ELM327 can only process continuous byte receives at
rates of about 600 kbps maximum. If you need to connect at
a higher rate, add a delay between the bytes to maintain an
average rate of 600 kbps or less.
3. A value of 00 provides a baud rate of 9600 bps.
0D
Carriage Return Character
R
0D
00 to FF
Baud Rate
(kbps)
19.2
38.4
57.6
115.2
230.4
PP 0C value
D0
(208)
68
(104)
45
(69)
23
(35)
11
(17)
500
08
(8)
hex
(dec)
71 of 94
PP
Description
Values
Default
Type
0E
9A
(10011010)
00 to FF
Power Control options
Each bit controls an option, as follows:
b7: Master enable
0: off
1: on
if 0, pins 15 and 16 perform as described for v1.0 to v1.3a
(must be 1 to allow any Low Power functions)
b6: Pin 16 full power level
0: low
1: high
normal output level, is inverted when in low power mode
b5: Auto LP control
0: disabled
1: enabled
allows low power mode if the RS232 activity stops
b4: Auto LP timeout
0: 5 mins
1: 20 mins
no RS232 activity timeout setting
b3: Auto LP warning
0: disabled
1: enabled
if enabled, says ‘ACT ALERT’ 1 minute before RS232 timeout
b2: Ignition control
0: disabled
1: enabled
allows low power mode if the IgnMon input goes low
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com