Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LSM Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 4Page - ELM Electronics ELM327LSM Datasheet HTML 5Page - ELM Electronics ELM327LSM Datasheet HTML 6Page - ELM Electronics ELM327LSM Datasheet HTML 7Page - ELM Electronics ELM327LSM Datasheet HTML 8Page - ELM Electronics ELM327LSM Datasheet HTML 9Page - ELM Electronics ELM327LSM Datasheet HTML 10Page - ELM Electronics ELM327LSM Datasheet HTML 11Page - ELM Electronics ELM327LSM Datasheet HTML 12Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
ELM327L Electrical Characteristics (continued)
8 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Notes (cont’d):
3. The Microchip 18F25K80 documentation states that all of the inputs used by the ELM327L have Schmitt
waveshaping on them. Sample testing however, has shown that pin 11 may respond as a standard ‘CMOS’
type input (ie not Schmitt) with a threshold voltage approximately equal to the average of the Schmitt
thresholds. For this reason, circuit designs should not present slowly changing waveforms at pin 11.
4. This applies to all output pins, except pins 3 and 4. Although pins 3 and 4 may seem capable of similar
currents, Microchip Technology states in their literature that these pins must not source or sink any more
than 2 mA.
The following values are for operation at 25°C, with
VDD = 3.3V.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
2.3
rising
falling
V
V
1.5
1.3
All input pins use Schmitt trigger
waveshaping - see note 3
0.7
2.6
ELM327L
8
Average current, IDD
mA
mA
normal
low power
Output current drive
mA
mA
source
sink
Input logic levels
(Schmitt thresholds)
The following values are for operation at 25°C, with
VDD = 5.0V.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
3.3
rising
falling
V
V
2.1
1.8
All input pins use Schmitt trigger
waveshaping - see note 3
1.0
4.0
11
Average current, IDD
5.5
mA
0.13
mA
normal
low power
Output current drive
mA
mA
source
sink
Input logic levels
(Schmitt thresholds)
see note 4
VO = 4.75V
VO = 0.25V
see note 4
VO = 3.05V
VO = 0.25V
5.0
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com