Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LSM Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM327LSM
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LSM Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM327LSM Datasheet HTML 3Page - ELM Electronics ELM327LSM Datasheet HTML 4Page - ELM Electronics ELM327LSM Datasheet HTML 5Page - ELM Electronics ELM327LSM Datasheet HTML 6Page - ELM Electronics ELM327LSM Datasheet HTML 7Page - ELM Electronics ELM327LSM Datasheet HTML 8Page - ELM Electronics ELM327LSM Datasheet HTML 9Page - ELM Electronics ELM327LSM Datasheet HTML 10Page - ELM Electronics ELM327LSM Datasheet HTML 11Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
ELM327L Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS..... -0.3V to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.3V to (VDD + 0.3V)
Current through pins 3 or 4
(source or sink)...................................................2 mA
Current through all other output pins
(source or sink).................................................25 mA
Note:
These values are given as a design guideline only.
The ability to operate to these levels is neither
inferred nor recommended, and stresses beyond
those listed here will likely damage the device.
7 of 94
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Notes:
1. This integrated circuit is based on Microchip Technology Inc.’s PIC18F25K80 device. For more detailed
device specifications, and possibly clarification of those given, please refer to the Microchip documentation
(available at www.microchip.com).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells or some charge pump circuits.
All values are for operation at 25°C. For more information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
2.0
5.5
V
VDD rate of rise
0.05
V/msec see note 2
AT RV to beginning of response
Brown-out reset voltage
1.7
1.8
1.9
V
A/D conversion time
7
msec
ELM327L
IgnMon debounce time
AT LP to PwrCtrl output time
LP ALERT to PwrCtrl output time
2.0
sec
msec
sec
50
1.0
Pin 18 wake pulse duration
µsec
128
65
to wake from Low Power mode
Reset time
AT Z
AT WS
msec
msec
800
2
Measured from the end of the
command to the start of the ID
message (ELM327 v2.1)
ELM327L Electrical Characteristics
continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com