Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 206 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 206 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology LAN89730 Datasheet HTML 204Page - Microchip Technology LAN89730 Datasheet HTML 205Page - Microchip Technology LAN89730 Datasheet HTML 206Page - Microchip Technology LAN89730 Datasheet HTML 207Page - Microchip Technology LAN89730 Datasheet HTML 208Page - Microchip Technology LAN89730 Datasheet HTML 209Page - Microchip Technology LAN89730 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 218 page
background image
LAN89730
DS60001348A-page 206
 2013-2015 Microchip Technology Inc.
7.7
Clock Circuit
The device can accept either a 25 MHz crystal (preferred) or a 25 MHz single-ended clock oscillator (+/-50ppm) input.
If the single-ended clock oscillator method is implemented, XO should be left unconnected and XI should be driven with
a nominal 0-3.3 V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(XI/XO). Either a 300 µW or 100 µW 25 MHz crystal may be utilized. The 300 µW 25 MHz crystal specifications are
detailed in Section 7.7.1. The 100 µW 25 MHz crystal specifications are detailed in Section 7.7.2.
7.7.1
300 µW 25 MHZ CRYSTAL SPECIFICATIONS
When utilizing a 300 µW 25 MHz crystal, the following circuit design (Figure 7-9) and specifications (Table 7-22) are
required to ensure proper operation.
FIGURE 7-9:
300 µW 25 MHZ CRYSTAL CIRCUIT
TABLE 7-22:
300 µW CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min.
Nom.
Max.
Unit
Note
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 7-14
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 7-14
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 7-15
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 7-16
Shunt Capacitance
CO
-
7 typ
-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
300
-
-
µW
Equivalent Series Resistance
R1
-
-
50
Ohm
Operating Temperature Range
-40
-
+105
oC
XI Pin Capacitance
-
3 typ
-
pF
Note 7-17
XO Pin Capacitance
-
3 typ
-
pF
Note 7-17
LAN89730
XO
XI
Y1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com