Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 202 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 202 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 198Page - Microchip Technology LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology LAN89730 Datasheet HTML 204Page - Microchip Technology LAN89730 Datasheet HTML 205Page - Microchip Technology LAN89730 Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 218 page
background image
LAN89730
DS60001348A-page 202
 2013-2015 Microchip Technology Inc.
7.6.5
EEPROM TIMING
The following specifies the EEPROM timing requirements for the device:
FIGURE 7-5:
EEPROM TIMING
TABLE 7-18:
EEPROM TIMING VALUES
Symbol
Description
Min
TYP
Max
Unit
tckcyc
EECLK cycle time
1110
1130
ns
tckh
EECLK high time
550
570
ns
tckl
EECLK low time
550
570
ns
tcshckh
EECS high before rising edge of EECLK
1070
ns
tcklcsl
EECLK falling edge to EECS low
30
ns
tdvckh
EEDO valid before rising edge of EECLK
550
ns
tckhinvld
EEDO invalid after rising edge EECLK
550
ns
tdsckh
EEDI setup to rising edge of EECLK
90
ns
tdhckh
EEDI hold after rising edge of EECLK
0
ns
tcshdv
EEDIO valid after EECS high (VERIFY)
600
ns
tdhcsl
EEDIO hold after EECS low (VERIFY)
0
ns
tcsl
EECS low
1070
ns
EECLK
EEDO
EEDI
EECS
tcshckh
EEDI (VERIFY)
tckh
tckl
tckcyc
tcklcsl
tcsl
tdvckh tckhinvld
tdsckh
tdhckh
tdhcsl
tcshdv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com