Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 198 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 198 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 194Page - Microchip Technology LAN89730 Datasheet HTML 195Page - Microchip Technology LAN89730 Datasheet HTML 196Page - Microchip Technology LAN89730 Datasheet HTML 197Page - Microchip Technology LAN89730 Datasheet HTML 198Page - Microchip Technology LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 218 page
background image
LAN89730
DS60001348A-page 198
 2013-2015 Microchip Technology Inc.
Note 7-4
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add additional drive current as detailed in the PU and PD sections of Table 7-12.
Note 7-5
This is the total 5.5 V input leakage for the entire device.
Note 7-6
XI can optionally be driven from a 25 MHz single-ended clock oscillator.
Note 7-7
This drive current is in addition to the IS or IS_5V input leakage detailed in Table 7-12, "I/O Buffer
Characteristics".
Note 7-8
Measured at line side of transformer, line replaced by 100 Ω (+/-1%) resistor.
Note 7-9
Offset from 16 ns pulse width at 50% of pulse peak.
Note 7-10
Measured differentially.
Note 7-11
Min/max. voltages guaranteed as measured with 100 Ω resistive load.
ICLK Type Buffer (XI Input)
Low Input Level
High Input Level
VILI
VIHI
0.8
0.3
V
V
Note 7-6
PU Drive Current
IPU
-30
-50
-70
µA
Note 7-7
PD Drive Current
IPD
30
50
70
µA
Note 7-7
TABLE 7-13:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 7-8
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 7-8
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 7-8
Signal Rise and Fall Time
TRF
3.0
-
5.0
ns
Note 7-8
Rise and Fall Symmetry
TRFS
--
0.5
ns
Note 7-8
Duty Cycle Distortion
DCD
35
50
65
%
Note 7-9
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
ns
Note 7-10
TABLE 7-14:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 7-11
Receiver Differential Squelch Threshold
VDS
300
540
585
mV
TABLE 7-12:
I/O BUFFER CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com