Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 201 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 201 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 197Page - Microchip Technology LAN89730 Datasheet HTML 198Page - Microchip Technology LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology LAN89730 Datasheet HTML 204Page - Microchip Technology LAN89730 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 201
LAN89730
7.6.3
POWER-ON CONFIGURATION STRAP VALID TIMING
Figure 7-3 illustrates the configuration strap valid timing requirement in relation to power-on. In order for valid configu-
ration strap values to be read at power-on, the following timing requirements must be met.
7.6.4
RESET AND CONFIGURATION STRAP TIMING
Figure 7-4 illustrates the nRESET pin timing requirements and its relation to the configuration strap pins and output
drive. Assertion of nRESET is not a requirement. However, if used, it must be asserted for the minimum period specified.
FIGURE 7-3:
POWER-ON CONFIGURATION STRAP VALID TIMING
TABLE 7-16:
POWER-ON CONFIGURATION STRAP VALID TIMING
Symbol
Description
Min.
Typ.
Max.
Unit
tcfg
Configuration strap valid time
15
ms
Note:
For proper operation in applications where brown-outs may occur, use of an external reset circuit is recom-
mended.
FIGURE 7-4:
nRESET RESET PIN TIMING
TABLE 7-17:
nRESET RESET PIN TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
trstia
nRESET input assertion time
1
µs
tcss
Configuration strap pins setup to nRESET deassertion
400
ns
tcsh
Configuration strap pins hold after nRESET deassertion
10
ns
VDD33IO
Configuration Straps
tcfg
2.0 V
tcss
nRESET
Configuration
Strap Pins
trstia
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com