Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 197 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 197 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 193Page - Microchip Technology LAN89730 Datasheet HTML 194Page - Microchip Technology LAN89730 Datasheet HTML 195Page - Microchip Technology LAN89730 Datasheet HTML 196Page - Microchip Technology LAN89730 Datasheet HTML 197Page - Microchip Technology LAN89730 Datasheet HTML 198Page - Microchip Technology LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 197
LAN89730
7.5
DC Specifications
TABLE 7-12:
I/O BUFFER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
SchmittTrigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDD33IO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.1
1.1
1.2
125
-10
1.5
1.7
200
3
VDD33IO+0.1
2.0
2.1
350
10
V
V
V
V
mV
µA
pF
Schmitt trigger
Schmitt trigger
Note 7-4
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.5
0.5
V
V
IOL = 8 mA
IOH = -8 mA
OD8 Type Buffer
Low Output Level
VOL
0.5
V
IOL = 8 mA
O12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.475
0.45
V
V
IOL = 12 mA
IOH = -12 mA
OD12 Type Buffer
Low Output Level
VOL
0.45
V
IOL = 12 mA
HSIC Type Buffers
Low Input Level
High Input Level
Low Output Level
High Output Level
I/O Pad Drive Strength
(50DRIVER_EN = VSS)
I/O Pad Drive Strength
(50DRIVER_EN = +3.3V)
Input Leakage
(VIN = VSS or VDD33IO)
Input Capacitance
VIL
VIH
VOL
VOH
OD
OD
IIH
CIN
-0.3
0.65*VDD12A
0.75
38
47.5
-10
40
50
0.35*VDD12A
VDD12A
+ 0.3
0.33
42
52.5
10
4
V
V
V
V
Ohm
Ohm
µA
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com