Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 200 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 200 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 196Page - Microchip Technology LAN89730 Datasheet HTML 197Page - Microchip Technology LAN89730 Datasheet HTML 198Page - Microchip Technology LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology LAN89730 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 218 page
background image
LAN89730
DS60001348A-page 200
 2013-2015 Microchip Technology Inc.
7.6.2
POWER SEQUENCE TIMING
Power supplies must adhere to the following rules:
• All power supplies of the same voltage must be powered up/down together.
• There is no power-up sequencing requirement, however all power supplies must reach operational levels within
the time periods specified in Table 7-15.
• There is no power-down sequencing or timing requirement, however the device must not be powered for an
extended period of time without all supplies at operational levels.
• Do not drive input signals without power supplied to the device.
Note:
When operating with an external 1.2 V power source, the 1.2 V input must not exceed the 3.3 V source by
more than 0.4 V.
Note:
Violation of these specifications may damage the device.
Note:
A Power-On Reset (POR) occurs whenever power is initially applied to the device, or if power is removed
and reapplied to the device. A timer within the device will assert the internal reset for approximately 22 ms.
Note:
While the internal power-on reset circuit may assert during brown-out conditions, this is not guaranteed.
For proper operation in applications where brown-outs may occur, use of an external reset circuit is recom-
mended.
FIGURE 7-2:
POWER SEQUENCE TIMING
TABLE 7-15:
POWER SEQUENCE TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
tpon
Power supply turn on time
0
25
ms
All 3.3 V Power
Supply Pins
All 1.2 V Power
Supply Pins
tpon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com