Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 203 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 203 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 199Page - Microchip Technology LAN89730 Datasheet HTML 200Page - Microchip Technology LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology LAN89730 Datasheet HTML 204Page - Microchip Technology LAN89730 Datasheet HTML 205Page - Microchip Technology LAN89730 Datasheet HTML 206Page - Microchip Technology LAN89730 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 203
LAN89730
7.6.6
MII INTERFACE TIMING
This section specifies the MII interface transmit and receive timing.
Note 7-12
Timing was designed for a system load between 10 pf and 25 pf.
Note:
The MII timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3 specification for additional
MII timing information.
FIGURE 7-6:
MII TRANSMIT TIMING
TABLE 7-19:
MII TRANSMIT TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
tclkp
TXCLK period
40
ns
tclkh
TXCLK high time
tclkp*0.4
tclkp*0.6
ns
tclkl
TXCLK low time
tclkp*0.4
tclkp*0.6
ns
tval
TXD[3:0], TXEN output valid from rising edge of
TXCLK
22.0
ns
Note 7-12
tinvld
TXD[3:0], TXEN output invalid from rising edge
of TXCLK
0ns
Note 7-12
TXCLK
(INPUT)
TXD[3:0]
(OUTPUT)
TXEN
(OUTPUT)
tclkh
tclkl
tclkp
tval
tinvld
tval
tval
tinvld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com