Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN89730 Datasheet(PDF) 205 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 205 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 201Page - Microchip Technology LAN89730 Datasheet HTML 202Page - Microchip Technology LAN89730 Datasheet HTML 203Page - Microchip Technology LAN89730 Datasheet HTML 204Page - Microchip Technology LAN89730 Datasheet HTML 205Page - Microchip Technology LAN89730 Datasheet HTML 206Page - Microchip Technology LAN89730 Datasheet HTML 207Page - Microchip Technology LAN89730 Datasheet HTML 208Page - Microchip Technology LAN89730 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 205
LAN89730
7.6.7
JTAG TIMING
This section specifies the JTAG timing of the device.
FIGURE 7-8:
JTAG TIMING
TABLE 7-21:
JTAG TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
ttckp
TCK clock period
66.67
ns
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
ns
tsu
TDI, TMS setup to TCK rising edge
10
ns
th
TDI, TMS hold from TCK rising edge
10
ns
tdov
TDO output valid from TCK falling edge
16
ns
tdoinvld
TDO output invalid from TCK falling edge
0
ns
TCK (Input)
TDI, TMS (Inputs)
ttckhl
ttckp
ttckhl
tsu
th
tdov
TDO (Output)
tdoinvld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com