Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP37231 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 29Page - Microchip Technology MCP37231 Datasheet HTML 30Page - Microchip Technology MCP37231 Datasheet HTML 31Page - Microchip Technology MCP37231 Datasheet HTML 32Page - Microchip Technology MCP37231 Datasheet HTML 33Page - Microchip Technology MCP37231 Datasheet HTML 34Page - Microchip Technology MCP37231 Datasheet HTML 35Page - Microchip Technology MCP37231 Datasheet HTML 36Page - Microchip Technology MCP37231 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 33
MCP37231/21-200 AND MCP37D31/21-200
FIGURE 3-7:
FFT for 14.7 MHz Input
Signal: fS = 100 Msps/Ch., Dual, AIN = -1 dBFS.
FIGURE 3-8:
FFT for 14.7 MHz Input
Signal: fS = 50 Msps/Ch., Quad, AIN = -1 dBFS.
FIGURE 3-9:
FFT for 3.8 MHz Input
Signal: fS = 25 Msps/Ch., Octal, AIN = -1 dBFS.
FIGURE 3-10:
FFT for 14.7 MHz Input
Signal: fS = 100 Msps/Ch., Dual, AIN = -4 dBFS.
FIGURE 3-11:
FFT for 14.7 MHz Input
Signal: fS = 50 Msps/Ch., Quad, AIN = -4 dBFS.
FIGURE 3-12:
FFT for 3.8 MHz Input
Signal: fS = 25 Msps/Ch., Octal, AIN = -4 dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com