Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP37231 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 35Page - Microchip Technology MCP37231 Datasheet HTML 36Page - Microchip Technology MCP37231 Datasheet HTML 37Page - Microchip Technology MCP37231 Datasheet HTML 38Page - Microchip Technology MCP37231 Datasheet HTML 39Page - Microchip Technology MCP37231 Datasheet HTML 40Page - Microchip Technology MCP37231 Datasheet HTML 41Page - Microchip Technology MCP37231 Datasheet HTML 42Page - Microchip Technology MCP37231 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 39
MCP37231/21-200 AND MCP37D31/21-200
4.0
THEORY OF OPERATION
The
MCP37231/21-200
and
MCP37D31/21-200
device family is a low-power, 16-/14-bit, 200 Msps
Analog-to-Digital Converter (ADC) with built-in features
including Harmonic Distortion Correction (HDC), DAC
Noise Cancellation (DNC), Dynamic Element Matching
(DEM) and flash error calibration.
Depending on the product number selection, the device
offers various built-in digital signal post-processing
features, such as FIR decimation filters, Digital Down-
Conversion (DDC), Fractional Delay Recovery (FDR),
continuous CW beamforming and digital gain and
offset correction. These built-in advanced digital signal
post-processing sub-blocks, which are individually
controlled, can be used for various special applications
such as I/Q demodulation, digital down-conversion,
and ultrasound imaging.
When the device is first powered-up, it performs inter-
nal calibrations by itself and runs with default settings.
From this point, the user can configure the device reg-
isters using the SPI command.
In multi-channel mode, the input channel selection and
MUX scan order are user-configurable, and the inputs
are sequentially multiplexed by the input MUX defined
by the scan order.
The device samples the analog input on the rising edge
of the clock. The digital output code is available after
28 clock cycles of data latency. Latency will increase if
any of the various digital signal post-processing
(DSPP) options are enabled.
The output data can be coded in two’s complement or off-
set binary format, and randomized using the user option.
Data can be output using either the CMOS or LVDS (Low-
Voltage Differential Signaling) interface. Serialized LVDS
output is also available in 16-bit octal-channel mode. In
this mode, each input channel is output serially over a
unique LVDS pair.
4.1
ADC Core Architecture
Figure 4-1 shows the simplified block diagram of the
ADC core. The first stage consists of a 17-level flash
ADC, multi-level Digital-to-Analog Converter (DAC)
and a residue amplifier with a gain of 8. Stages 2 to 6
consist of a 9-level (3-bit) flash ADC, multi-level DAC
and a residue amplifier with a gain of 4. The last stage
is a 9-level 3-bit flash ADC. Dither is added in each of
the first three stages.The digital outputs from all seven
stages are combined in a digital error correction logic
block and digitally processed for the final output.
The first three stages include patented digital
calibration features:
• Harmonic Distortion Correction (HDC) algorithm
that digitally measures and cancels ADC errors
arising from distortions introduced by the residue
amplifiers
• DAC Noise Cancellation (DNC) algorithm that
corrects DAC’s nonlinearity errors
• Dynamic Element Matching (DEM) which
randomizes DAC errors, thereby converting
harmonic distortion to white noise
These digital correction algorithms are first applied
during the Power-on Reset sequence and then operate
in the background during normal operation of the
pipelined ADC. These algorithms automatically track
and correct any environmental changes in the ADC.
More details of the system correction algorithms are
shown in Section 4.13 “System Calibration”.
FIGURE 4-1:
ADC Core Block Diagram.
Clock Generation
Pipeline
(3-bit)
Stage 1
Pipeline
(2-bit)
Stage 2
Pipeline
(2-bit)
Stage 3
Pipeline
(2-bit)
Stage 4
Pipeline
(2-bit)
Stage 5
Pipeline
Stage 6
3-bit Flash
(3-bit)
Stage 7
Digital Error Correction
MUX
Input
AIN0+
AIN0-
HDC1, DNC1
HDC2, DNC2
HDC3, DNC3
(2-bit)
AIN7+
AIN7-
User-Programmable Options
Programmable Digital Signal Post-Processing (DSPP)
Reference Generator
REF0
REF1
REF1
REF1
REF1
REF1
REF1
REF0
REF1
16-Bit Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com