Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP37231 Datasheet(PDF) 87 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 87 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 83Page - Microchip Technology MCP37231 Datasheet HTML 84Page - Microchip Technology MCP37231 Datasheet HTML 85Page - Microchip Technology MCP37231 Datasheet HTML 86Page - Microchip Technology MCP37231 Datasheet HTML 87Page - Microchip Technology MCP37231 Datasheet HTML 88Page - Microchip Technology MCP37231 Datasheet HTML 89Page - Microchip Technology MCP37231 Datasheet HTML 90Page - Microchip Technology MCP37231 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 144 page
background image
MCP37231/21-200 AND MCP37D31/21-200
DS20005322D-page 87
 2014-2016 Microchip Technology Inc.
REGISTER 5-4:
ADDRESS 0X04 – SPI SDO OUTPUT TIMING CONTROL
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
SDO_TIME
FCB<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SDO_TIME: SPI SDO output timing control bit
1
=
SDO output at the falling edge of clock (Default)
0
=
SDO output at the rising edge of clock
bit 6-0
FCB<6:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
REGISTER 5-5:
ADDRESS 0X07 – OUTPUT RANDOMIZER AND WCK POLARITY CONTROL
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
POL_WCK
EN_AUTOCAL_-
TIMEDLY
FCB<4:0>
EN_OUT_RANDOM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
POL_WCK: WCK polarity control bit(1)
1
=
Inverted
0
=
Not inverted (Default)
bit 6
EN_AUTOCAL_TIMEDLY: Auto-calibration starter time delay counter control bit(2)
1
=
Enabled (Default)
0
=
Disabled
bit 5-1
FCB<4:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 0
EN_OUT_RANDOM: Output randomizer control bit
1
=
Enabled: ADC data output is randomized
0
=
Disabled (Default)
Note
1:
See Address 0x68 (Register 5-26) for WCK/OVR pair control.
2:
This bit enables the AUTOCAL_TIMEDLY<7:0> settings. See Address 0x1E (Register 5-6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com