Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM391 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391
Description  LM391 Audio Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM391 Datasheet HTML 1Page - National Semiconductor (TI) LM391 Datasheet HTML 2Page - National Semiconductor (TI) LM391 Datasheet HTML 3Page - National Semiconductor (TI) LM391 Datasheet HTML 4Page - National Semiconductor (TI) LM391 Datasheet HTML 5Page - National Semiconductor (TI) LM391 Datasheet HTML 6Page - National Semiconductor (TI) LM391 Datasheet HTML 7Page - National Semiconductor (TI) LM391 Datasheet HTML 8Page - National Semiconductor (TI) LM391 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
External Components (Figure 1)
Component
Typical Value
Comments
CIN
1 mF
Input coupling capacitor sets a low frequency pole with RIN
fL e
1
2qRINCIN
RIN
100k
Sets input impedance and DC bias to input
Rf2
100k
Feedback resistor for minimum offset voltage at the output this should be equal to RIN
Rf1
51k
Feedback resistor that works with Rf2 to set the voltage gain
AV e 1 a
Rf2
Rf1
Cf
10 mF
Feedback capacitor This reduces the gain to unity at DC for minimum offset voltage at the
output Also sets a low frequency pole with Rf1
fL e
1
2qRf1Cf
CC
5 pF
Compensation capacitor Sets gain bandwidth product and a high frequency pole
GBW e
1
2q5000CC
fh e
GBW
AV
Max fh for stable design
500 kHz
RA
39k
AB bias resistor
RB
10k
AB bias potentiometer Adjust to set bias current in the output stage
CAB
01 mF
Bypass capacitor for bias This improves high frequency distortion and transient response
CR
5 pF
Ripple capacitor This improves negative supply rejection at midband and high frequencies
CR if used must equal CC
Reb
100X
Bleed resistor This removes stored charge in output transistors
RO
27X
Output compensation resistor This resistor and CO compensate the output stage This value
will vary slightly for different output devices
CO
01 mF
Output compensation capacitor This works with RO to form a zero that cancels fb of the
output power transistors
RE
03X
Emitter degeneration resistor This resistor gives thermal stability to the output stage
quiescent current IRC PW5 type
RTH
39k
Shutdown resistor Sets the amount of current pulled out of pin 14 during shutdown
C2 C 2
1000 pF
Compensation capacitors for protection circuitry
XL
10X
ll5 mH
Used to isolate capacitive loads usually 20 turns of wire wrapped around a 10X 2W resistor
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com