Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM391 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391
Description  LM391 Audio Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM391 Datasheet HTML 4Page - National Semiconductor (TI) LM391 Datasheet HTML 5Page - National Semiconductor (TI) LM391 Datasheet HTML 6Page - National Semiconductor (TI) LM391 Datasheet HTML 7Page - National Semiconductor (TI) LM391 Datasheet HTML 8Page - National Semiconductor (TI) LM391 Datasheet HTML 9Page - National Semiconductor (TI) LM391 Datasheet HTML 10Page - National Semiconductor (TI) LM391 Datasheet HTML 11Page - National Semiconductor (TI) LM391 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Hints (Continued)
A 20W 8X 30W 4X AMPLIFIER
Givens
Power Output
20W into 8X
30W into 4X
Input Sensitivity
1V Max
Input Impedance
100k
Bandwidth
20 Hz – 20 kHz g 025 dB
Equations (1) and (2) give
20W8X
VOP e 179V
IOP e 224A
30W4X
VOP e 155V
IOP e 387A
Therefore the supply required is
g
23V
224A reducing to
g
21V
387A
With 15% regulation and high line we get g29V from equa-
tion (3)
Sensitivity and equation (4) set minimum gain
AV t
020 c 8
1
e
1265
We will use a gain of 20 with resulting sensitivity of 632 mV
Letting RIN equal 100k gives the required input impedance
For low DC offsets at the output we let Rf2 e 100k Solving
for Rf1 gives
Rf2 e 100k
Rf1 e
100k
20 b 1
e
526k use 51k
The bandwidth requirement must be stated as a pole ie
the 3 dB frequency Five times away from a pole gives 017
dB down which is better than the required 025 dB There-
fore
fL e
20
5
e
4Hz
fh e 20k c 5 e 100 kHz
Solving for Cf
Cf t
1
2qRf1fL
e
78 mF use 10 mF
The recommended value for CC is 5 pF for gains of 20 or
larger This gives a gain-bandwidth product of 64 MHz and
a resulting bandwidth of 320 kHz better than required
The breakdown voltage requirement is set by the maximum
supply we need a minimum of 58V and will use 60V We
must now select a 60V power transistor with reasonable
beta at IOpeak 387A The TIP42 TIP41 complementary pair
are 60V 60W transistors with a minimum beta of 30 at 4A
The driver transistor must supply the base drive given 5 mA
drive from the LM391 The MJE711 MJE721 complementa-
ry driver transistors are 60V devices with a minimum beta of
40 at 200 mA The driver transistors should be much faster
(higher fT) than the output transistors to insure that the R-C
on the output will prevent instability
To find the heat sink required for each output transistor we
use equations (7) (9) and (10)
(7)
PD e 04 (30) e 12W
iJA s
150 C b 55 C
12
e
79 CW for TAMAX e 55 C
(9)
(10)
iSA s 79 b 21 b 10 e 48 CW
If both transistors are mounted on one heat sink the thermal
resistance should be halved to 24 CW
The maximum average power dissipation in each driver is
found using equation (8)
PDRIVER(MAX) e
12
30
e
400 mW
Using equation (9)
iJA s
155 b 55
04
e
237 CW
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com