Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM391 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391
Description  LM391 Audio Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM391 Datasheet HTML 4Page - National Semiconductor (TI) LM391 Datasheet HTML 5Page - National Semiconductor (TI) LM391 Datasheet HTML 6Page - National Semiconductor (TI) LM391 Datasheet HTML 7Page - National Semiconductor (TI) LM391 Datasheet HTML 8Page - National Semiconductor (TI) LM391 Datasheet HTML 9Page - National Semiconductor (TI) LM391 Datasheet HTML 10Page - National Semiconductor (TI) LM391 Datasheet HTML 11Page - National Semiconductor (TI) LM391 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Hints (Continued)
Since the free air thermal resistance of the MJE711
MJE721 is 100 CW no heat sink is required Using this
information and equation (6) we can find the minimum value
of RE required to prevent thermal runaway
RE t
100 (30) (0002)
30 a 1
e
019X
(6)
We must now use the SOA data on the TIP42 TIP41 tran-
sistors to set up the protection circuit Below is the SOA
curve with the 4X and 8X load lines Also shown are the
desired protection lines Note the value of VB is equal to the
supply voltage so we use the formulas in the table
DC SOA of TIP42 TIP41
Transistors
TLH7146 – 8
The data points from the curve are
VM e 60V VB e 23V IL e 3A IL e 7A
Using the dual slope protection formulas
RE e
065
3
e
022X
R2 e 1k
R1 e 1k
60b065
065
J 91k
R3 e 1k
 23
7(022) b 065
b
1
J 24k
Note that an RE of 022X satisfies equation (6) The final
schematic of this amplifier is below If the output is shorted
the current will be 18A and VCE is 23V Since the input is
AC the average power is
short PD e
(18) (23)
21W
This power is greater than was used in the heat sink calcula-
tions so the transistors will overheat for long-duration
shorts unless a larger heat sink is used
Typical Applications (Continued)
20W-8X 30W-4X Amplifier with 1 Second Turn-ON Delay
TLH7146 – 9
Additional protection for LM391N Schottky diodes and R j 100X
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com