Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM391 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM391
Description  LM391 Audio Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM391 Datasheet HTML 1Page - National Semiconductor (TI) LM391 Datasheet HTML 2Page - National Semiconductor (TI) LM391 Datasheet HTML 3Page - National Semiconductor (TI) LM391 Datasheet HTML 4Page - National Semiconductor (TI) LM391 Datasheet HTML 5Page - National Semiconductor (TI) LM391 Datasheet HTML 6Page - National Semiconductor (TI) LM391 Datasheet HTML 7Page - National Semiconductor (TI) LM391 Datasheet HTML 8Page - National Semiconductor (TI) LM391 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Hints
GENERALIZED AUDIO POWER AMP DESIGN
Givens
Power Output
Load Impedance
Input Sensitivity
Input Impedance
Bandwidth
The power output and load impedance determine the power
supply requirements Output signal swing and current are
found from
VOpeak e
02RL PO
(1)
IOpeak e
02PO
RL
(2)
Add 5 volts to the peak output swing (VOP) for transistor
voltage to get the supplies ie g (VOP a 5V) at a current
of Ipeak The regulation of the supply determines the unload-
ed voltage usually about 15% higher Supply voltage will
also rise 10% during high line conditions
max supplies
g
(VOpeak a 5) (1 a regulation) (11)
(3)
The input sensitivity and output power specs determine the
required gain
AV t
0PO RL
VIN
e
VORMS
VINRMS
(4)
Normally the gain is set between 20 and 200 for a 25 watt
8 ohm amplifier this results in a sensitivity of 710 mV and 71
mV respectively The higher the gain the higher the THD
as can be seen from the characteristics curves Higher gain
also results in more hum and noise at the output
The desired input impedance is set by RIN Very high values
can cause board layout problems and DC offsets at the out-
put The bandwidth requirements determine the size of Cf
and CC as indicated in the external component listing
The output transistors and drivers must have a breakdown
voltage greater than the voltage determined by equation (3)
The current gain of the drive and output device must be high
enough to supply IOpeak with 5 mA of drive from the LM391
The power transistors must be able to dissipate approxi-
mately 40% of the maximum output power the drivers must
dissipate this amount divided by the current gain of the out-
puts See the output transistor selection guide Table A
To prevent thermal runaway of the AB bias current the fol-
lowing equation must be valid
iJA s
RE (bMIN a 1)
VCEQMAX (K)
(5)
where
iJA is the thermal resistance of the driver transistor junc-
tion to ambient in CW
RE is the emitter degeneration resistance in ohms
bmin is that of the output transistor
VCEQMAX is the highest possible value of one supply from
equation (3)
K is the temperature coefficient of the driver base-emitter
voltage typically 2 mV C
Often the value of RE is to be determined and equation (5)
is rearranged to be
RE t
iJA (VCEQMAX)K
bMIN a 1
(6)
The maximum average power dissipation in each output
transistor is
(7)
PDMAX e 04 POMAX
The power dissipation in the driver transistor is
PDRIVER(MAX) e
PDMAX
bMIN
(8)
Heat sink requirements are found using the following formu-
las
iJA s
TJMAX b TAMAX
PD
(9)
(10)
iSA s iJA b iJC b iCS
where
TjMAX is the maximum transistor junction temperature
TAMAX is the maximum ambient temperature
iJA is thermal resistance junction to ambient
iSA is thermal resistance sink to ambient
iJC is thermal resistance junction to case
iCS is thermal resistance case to sink typically 1 CW for
most mountings
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com