Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 146 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 146 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 142Page - Cirrus Logic WM8281ECS/R Datasheet HTML 143Page - Cirrus Logic WM8281ECS/R Datasheet HTML 144Page - Cirrus Logic WM8281ECS/R Datasheet HTML 145Page - Cirrus Logic WM8281ECS/R Datasheet HTML 146Page - Cirrus Logic WM8281ECS/R Datasheet HTML 147Page - Cirrus Logic WM8281ECS/R Datasheet HTML 148Page - Cirrus Logic WM8281ECS/R Datasheet HTML 149Page - Cirrus Logic WM8281ECS/R Datasheet HTML 150Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 392 page
background image
WM8281
146
Rev 4.0
Figure 52 shows an example of Left Justified format. Six enabled channels are shown.
LRCLK
Slot 0
Slot 2
Slot 4
...
Slot 1
Slot 3
Slot 5
...
Slot 0
Channel 1
Channel 4
BCLK
TXDAT/
RXDAT
Channel 2
Slot 4
Channel 3
Slot 3
Channel 6
Slot 1
Slot 2
Channel 5
Slot 5
AIF1[TX5/RX5]_SLOT = 0
AIF1[TX6/RX6]_SLOT = 2
AIF1[TX2/RX2]_SLOT = 4
AIF1[TX3/RX3]_SLOT = 1
AIF1[TX1/RX1]_SLOT = 5
AIF1[TX4/RX4]_SLOT = 3
Figure 52 Left Justifed Example
TDM OPERATION BETWEEN THREE OR MORE DEVICES
The AIF operation described above illustrates how multiple audio channels can be interleaved on a
single TXDAT or RXDAT pin. The interface uses Time Division Multiplexing (TDM) to allocate time
periods to each of the audio channels in turn.
This form of TDM is implemented between two devices, using the electrical connections illustrated in
Figure 43 or Figure 44.
It is also possible to implement TDM between three or more devices. This allows one CODEC to
receive audio data from two other devices simultaneously on a single audio interface, as illustrated in
Figure 53, Figure 54 and Figure 55.
The WM8281 provides full support for TDM operation. The TXDAT pin can be tri-stated when not
transmitting data, in order to allow other devices to transmit on the same wire. The behaviour of the
TXDAT pin is configurable, to allow maximum flexibility to interface with other devices in this way.
Typical configurations of TDM operation between three devices are illustrated in Figure 53, Figure 54
and Figure 55.
WM8281
Processor
WM8281
or similar
CODEC
TXDAT
LRCLK
RXDAT
BCLK
TXDAT
LRCLK
RXDAT
BCLK
WM8281
Processor
WM8281
or similar
CODEC
TXDAT
LRCLK
RXDAT
BCLK
TXDAT
LRCLK
RXDAT
BCLK
Figure 53 TDM with WM8281 as Master
Figure 54 TDM with Other CODEC as Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com