Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 148 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 148 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 144Page - Cirrus Logic WM8281ECS/R Datasheet HTML 145Page - Cirrus Logic WM8281ECS/R Datasheet HTML 146Page - Cirrus Logic WM8281ECS/R Datasheet HTML 147Page - Cirrus Logic WM8281ECS/R Datasheet HTML 148Page - Cirrus Logic WM8281ECS/R Datasheet HTML 149Page - Cirrus Logic WM8281ECS/R Datasheet HTML 150Page - Cirrus Logic WM8281ECS/R Datasheet HTML 151Page - Cirrus Logic WM8281ECS/R Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 392 page
background image
WM8281
148
Rev 4.0
DIGITAL AUDIO INTERFACE CONTROL
This section describes the configuration of the WM8281 digital audio interface paths.
AIF1 supports up to 8 input signal paths and up to 8 output signal paths; AIF2 supports up to 6
channels of input and output signal paths; AIF3 supports up to 2 channels of input and output signal
paths. The digital audio interfaces AIF1, AIF2 and AIF3 can be configured as Master or Slave
interfaces; mixed master/slave configurations are also possible.
Each input and output signal path can be independently enabled or disabled. The AIF output (TX) and
AIF input (RX) paths can use a common LRCLK frame clock, or can use separate LRCLK signals if
required.
The digital audio interface supports flexible data formats, selectable word-length, configurable timeslot
allocations and TDM tri-state control.
AIF SAMPLE RATE CONTROL
The AIF RX inputs may be selected as input to the digital mixers or signal processing functions within
the WM8281 digital core. The AIF TX outputs are derived from the respective output mixers.
The sample rate for each digital audio interface AIFn is configured using the respective AIFn_RATE
register - see Table 23
within the “Digital Core” section.
Note that sample rate conversion is required when routing the AIF paths to any signal chain that is
asynchronous and/or configured for a different sample rate.
AIF MASTER / SLAVE CONTROL
The digital audio interfaces can operate in Master or Slave modes and also in mixed master/slave
configurations. In Master mode, the BCLK and LRCLK signals are generated by the WM8281 when
any of the respective digital audio interface channels is enabled. In Slave mode, these outputs are
disabled by default to allow another device to drive these pins.
Master mode is selected on the AIFnBCLK pin using the AIFn_BCLK_MSTR register bit. In Master
mode, the AIFnBCLK signal is generated by the WM8281 when one or more AIFn channels is
enabled.
When the AIFn_BCLK_FRC bit is set in BCLK master mode, the AIFnBCLK signal is output at all
times, including when none of the AIFn channels is enabled.
The AIFnBCLK signal can be inverted in Master or Slave modes using the AIFn_BCLK_INV register.
Master mode is selected on the AIFnLRCLK pin using the AIFnRX_LRCLK_MSTR register bit. In
Master mode, the AIFnRXLRCLK signal is generated by the WM8281 when one or more AIFn
channels is enabled. (Note that, when GPIOn is configured as AIFnTXLRCLK, then only the AIFn RX
channels will cause AIFnRXLRCLK to be output.)
When the AIFnRX_LRCLK_FRC bit is set in LRCLK master mode, the AIFnRXLRCLK signal is output
at all times, including when none of the AIFn channels is enabled. Note that AIFnRXLRCLK is derived
from AIFnBCLK, and an internal or external AIFnBCLK signal must be present to generate
AIFnRXLRCLK.
The AIFnRXLRCLK signal can be inverted in Master or Slave modes using the AIFnRX_LRCLK_INV
register.
Under default conditions, the AIFn input (RX) and output (TX) paths both use the AIFnRXLRCLK
signal as the frame synchronisation clock. The AIFn output (TX) interface can be configured to use a
separate frame clock, AIFnTXLRCLK, using the AIFnTX_LRCLK_SRC bit.
The AIFnTXLRCLK function, when used, must be selected on the GPIOn pin as described in the
“General Purpose Input / Output” section.
The AIFnTXLRCLK function can operate in Master or Slave mode, and is controlled similarly to the
AIFnRXLRCLK function using the register bits described in Table 31, Table 32 and Table 33 for AIF1,
AIF2 and AIF3 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com