Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 163 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 163 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 159Page - Cirrus Logic WM8281ECS/R Datasheet HTML 160Page - Cirrus Logic WM8281ECS/R Datasheet HTML 161Page - Cirrus Logic WM8281ECS/R Datasheet HTML 162Page - Cirrus Logic WM8281ECS/R Datasheet HTML 163Page - Cirrus Logic WM8281ECS/R Datasheet HTML 164Page - Cirrus Logic WM8281ECS/R Datasheet HTML 165Page - Cirrus Logic WM8281ECS/R Datasheet HTML 166Page - Cirrus Logic WM8281ECS/R Datasheet HTML 167Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 392 page
background image
WM8281
Rev 4.0
163
AIF DIGITAL PULL-UP AND PULL-DOWN
The WM8281 provides integrated pull-up and pull-down resistors on each of the AIFnLRCLK,
AIFnBCLK and AIFnRXDAT pins. This provides a flexible capability for interfacing with other devices.
Each of the pull-up and pull-down resistors can be configured independently using the register bits
described in Table 46, Table 47 and Table 48. When the pull-up and pull-down resistors are both
enabled, the WM8281
provides a ‘bus keeper’ function on the respective pin. The bus keeper function
holds the logic level unchanged whenever the pin is undriven (eg. if the signal is tri-stated).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3107
(0C23h)
Misc Pad
Ctrl 4
5
AIF1LRCLK_PU
0
AIF1LRCLK Pull-Up Control
0 = Disabled
1 = Enabled
Note - when AIF1LRCLK_PD and
AIF1LRCLK_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
AIF1LRCLK pin.
4
AIF1LRCLK_PD
0
AIF1LRCLK Pull-Down Control
0 = Disabled
1 = Enabled
Note - when AIF1LRCLK_PD and
AIF1LRCLK_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
AIF1LRCLK pin.
3
AIF1BCLK_PU
0
AIF1BCLK Pull-Up Control
0 = Disabled
1 = Enabled
Note - when AIF1BCLK_PD and
AIF1BCLK_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
AIF1BCLK pin.
2
AIF1BCLK_PD
0
AIF1BCLK Pull-Down Control
0 = Disabled
1 = Enabled
Note - when AIF1BCLK_PD and
AIF1BCLK_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
AIF1BCLK pin.
1
AIF1RXDAT_PU
0
AIF1RXDAT Pull-Up Control
0 = Disabled
1 = Enabled
Note - when AIF1RXDAT_PD and
AIF1RXDAT_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
AIF1RXDAT pin.
0
AIF1RXDAT_PD
0
AIF1RXDAT Pull-Down Control
0 = Disabled
1 = Enabled
Note - when AIF1RXDAT_PD and
AIF1RXDAT_PU are both set to ‘1’, then a
‘bus keeper’ function is enabled on the
AIF1RXDAT pin.
Table 46 AIF1 Digital Pull-Up and Pull-Down Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com