Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 166 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 166 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 162Page - Cirrus Logic WM8281ECS/R Datasheet HTML 163Page - Cirrus Logic WM8281ECS/R Datasheet HTML 164Page - Cirrus Logic WM8281ECS/R Datasheet HTML 165Page - Cirrus Logic WM8281ECS/R Datasheet HTML 166Page - Cirrus Logic WM8281ECS/R Datasheet HTML 167Page - Cirrus Logic WM8281ECS/R Datasheet HTML 168Page - Cirrus Logic WM8281ECS/R Datasheet HTML 169Page - Cirrus Logic WM8281ECS/R Datasheet HTML 170Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 392 page
background image
WM8281
166
Rev 4.0
SLIMBUS INTERFACE
The SLIMbus protocol is highly configurable and adaptable, supporting multiple audio signal paths,
and mixed sample rates simultaneously. It also supports control messaging and associated
communications between devices.
SLIMBUS DEVICES
The SLIMbus components comprise different device classes (Manager, Framer, Interface, Generic).
Each component on the bus has an Interface Device, which provides bus management services for
the respective component. One or more components on the bus will provide Manager and Framer
Device functions; the Manager has the capabilities to administer the bus, whilst the Framer is
responsible for driving the CLK line and for driving the DATA required to establish the Frame
Structure on the bus. Note that only one Manager and one Framer Device will be active at any time.
The Framer function can be transferred between Devices when required. Generic Devices provide the
basic SLIMbus functionality for the associated Port(s), and for the Transport Protocol by which audio
signal paths are established on the bus.
SLIMBUS FRAME STRUCTURE
The SLIMbus bit stream is formatted within a defined structure of Cells, Slots, Subframes, Frames,
and Superframes:
A single data bit is known as a Cell
4 Cells make a Slot
192 Slots make a Frame
8 Frames make a Superframe
The bit stream structure is configurable to some extent, but the Superframe definition always
comprises 1536 slots. The transmitted/received bit rate is not fixed; it can be configured according to
system requirements, and can be changed dynamically without interruption to active audio paths.
The SLIMbus CLK frequency (also the bus bit rate) is defined by a Root Frequency (RF) and a Clock
Gear (CG). In the top Clock Gear (Gear 10), the CLK frequency is equal to the Root Frequency. Each
reduction in the Clock Gear halves the CLK frequency, and doubles the duration of the Superframe.
The SLIMbus bandwidth will typically comprise Control space (for bus messages, synchronisation
etc.) and Data space (for audio paths). The precise allocation is configurable, and can be entirely
Control space, if required.
The Subframe definition comprises the number of Slots per Subframe (6, 8, 24 or 32 Slots), and the
number of these Slots (per Subframe) allocated as Control space. The applicable combination of
Subframe length and Control space width are defined by the Subframe Mode (SM) parameter.
The SLIMbus Frame always comprises 192 Slots, regardless of the Subframe definition. A number of
Slots are allocated to Control space, as noted above; the remaining Slots are allocated to Data space.
Some of the Control space is required for Framing Information and for the Guide Channel (described
below); the remainder of the Control space are allocated to the Message Channel.
CONTROL SPACE
Framing Information is provided in Slots 0 and 96 of every Frame. Slot 0 contains a 4-bit
synchronisation code; Slot 96 contains the 32-bit Framing Information, transmitted 4 bits at a time
over the 8 Frames that make up the SLIMbus Superframe. The Clock Gear, Root Frequency,
Subframe configuration, along with some other parameters, are encoded within the Framing
Information.
The Guide Channel occupies two Slots within Frame 0. This provides the necessary information for a
SLIMbus component to acquire and verify the frame synchronisation. The Guide Channel occupies
the first two Control space Slots within the first Frame of the bit stream, excluding the Framing
Information Slots. Note that the exact Slot allocation will depend upon the applicable Subframe mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com