Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 168 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 168 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 164Page - Cirrus Logic WM8281ECS/R Datasheet HTML 165Page - Cirrus Logic WM8281ECS/R Datasheet HTML 166Page - Cirrus Logic WM8281ECS/R Datasheet HTML 167Page - Cirrus Logic WM8281ECS/R Datasheet HTML 168Page - Cirrus Logic WM8281ECS/R Datasheet HTML 169Page - Cirrus Logic WM8281ECS/R Datasheet HTML 170Page - Cirrus Logic WM8281ECS/R Datasheet HTML 171Page - Cirrus Logic WM8281ECS/R Datasheet HTML 172Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 392 page
background image
WM8281
168
Rev 4.0
The Segment Interval defines the repetition rate of the SLIMbus Slots allocated to consecutive data
samples for a given Data Channel. The Presence Rate (PR) is the nominal sample rate of the audio
path. The Segment Rate (determined by the Segment Interval value) must be equal to or greater than
the Presence Rate for a given data channel. The following constraints must be observed, when
configuring a SLIMbus channel:
If Pushed or Pulled Transport Protocol is selected, the Segment Rate must be greater than
the Presence Rate, to ensure that samples are not dropped as a result of clock drift.
If Isochronous Transport Protocol is selected, the Segment Rate must be equal to the
Presence Rate. Isochronous Transport Protocol should only be selected if the data source
is frequency-locked to the SLIMbus CLK (ie. the data source is synchronised to the
SLIMbus Framer device).
SLIMBUS CONTROL SEQUENCES
This section describes the messages and general protocol associated with most aspects of the
SLIMbus system.
Note that the SLIMbus specification permits some flexibility in Core Message support for different
components. See
“SLIMbus Interface Control” for details of which message(s) are supported on each
of the SLIMbus devices that are present on the WM8281.
DEVICE MANAGEMENT & CONFIGURATION
This section describes the SLIMbus messages associated with configuring all devices on the SLIMbus
interface.
When the SLIMbus interface starts up, it is required that one (and only one) of the components
provides the Manager and Framer Device functions. Other devices can request connection to the bus
after they have gained synchronisation.
The REPORT_PRESENT (DC, DCV) message may be issued by devices attempting to connect to
the bus. The payload of this message contains the Device Class (DC) and Device Class Version
(DCV) parameters, describing the type of device that is attempting to connect. This message may be
issued
autonomously
by
the
connecting
device,
or
else
in
response
to
a
REQUEST_SELF_ANNOUNCEMENT message from the Manager Device.
After positively acknowledging the REPORT_PRESENT message, the Manager Device will then issue
the ASSIGN_LOGICAL_ADDRESS (LA) message to allow the other device to connect to the bus.
The payload of this message contains the Logical Address (LA) parameter only; this is the unique
address by which the connected device will send and receive SLIMbus messages. The device is then
said to be ‘enumerated’.
Once a device has been successfully connected to the bus, the Logical Address (LA) parameter can
be changed at any time using the CHANGE_LOGICAL_ADDRESS (LA) message.
The RESET_DEVICE message commands an individual SLIMbus device to perform its reset
procedure. As part of the reset, all associated ports will be reset, and any associated Data Channels
will be cancelled. Note that, if the RESET_DEVICE command is issued to an Interface Device, it will
cause a Component Reset (ie. all Devices within the associated component are reset). Under a
Component Reset, every associated Device will release its Logical Address, and the Component will
become disconnected from the bus.
INFORMATION MANAGEMENT
A memory map of Information Elements is defined for each Device. This is arranged in 3 x 1kByte
blocks, comprising Core Information elements, Device Class-specific Information elements, and User
Information elements respectively, as described in the MIPI specification. Note that the contents of the
User Information portion for each WM8281 SLIMbus Device are reserved.
Read/Write access is implemented using the messages described below. Specific elements within the
Information Map are identified using the Element Code (EC) parameter. In the case of Read access, a
unique Transaction ID (TID) is assigned to each message relating to a particular read/write request.
The REQUEST_INFORMATION (TID, EC) message is used to instruct a device to respond with the
indicated information. The payload of this message contains the Transaction ID (TID) and the Element
Code (EC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com