Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 170 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 170 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 166Page - Cirrus Logic WM8281ECS/R Datasheet HTML 167Page - Cirrus Logic WM8281ECS/R Datasheet HTML 168Page - Cirrus Logic WM8281ECS/R Datasheet HTML 169Page - Cirrus Logic WM8281ECS/R Datasheet HTML 170Page - Cirrus Logic WM8281ECS/R Datasheet HTML 171Page - Cirrus Logic WM8281ECS/R Datasheet HTML 172Page - Cirrus Logic WM8281ECS/R Datasheet HTML 173Page - Cirrus Logic WM8281ECS/R Datasheet HTML 174Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 392 page
background image
WM8281
170
Rev 4.0
The NEXT_PAUSE_CLOCK (RT) message instructs the active Framer to pause the bus. The
payload of the message contains the Restart Time (RT), which indicates whether the interruption is to
be of a specified time and/or phase duration.
The NEXT_RESET_BUS message instructs all components on the bus to be reset. In this case, all
Devices on the bus are reset and are disconnected from the bus. Subsequent re-connection to the
bus follows the same process as when the bus is first initialised.
The NEXT_SHUTDOWN_BUS message instructs all devices that the bus is to be shut down.
DATA CHANNEL CONFIGURATION
This section describes the procedure for configuring a SLIMbus Data Channel. Note that the Manager
Device is responsible for allocating the available bandwidth as required for each Data Channel.
The CONNECT_SOURCE (PN, CN) and CONNECT_SINK (PN, CN) messages are issued to the
respective devices, defining the Port(s) between which a Data Channel is to be established. Note that
multiple destinations (sinks) can be configured for a channel, if required. The payload of each
message contains the Port Number (PN) and the Channel Number (CN) parameters.
The BEGIN_RECONFIGURATION message is issued to define a Reconfiguration Boundary point:
subsequent NEXT_* messages will become active at the first valid Superframe boundary following
receipt of the RECONFIGURE_NOW message. (A valid boundary must be at least two Slots after the
end of the RECONFIGURE_NOW message.)
The NEXT_DEFINE_CHANNEL (CN, TP, SD, SL) message informs the associated devices of the
structure of the Data Channel. The payload of this message contains the Channel Number (CN),
Transport Protocol (TP), Segment Distribution (SD), and the Segment Length (SL) parameters for the
Data Channel.
The NEXT_DEFINE_CONTENT (CN, FL, PR, AF, DT, CL, DL), or CHANGE_CONTENT (CN, FL,
PR, AF, DT, CL, DL) message provides more detailed information about the Data Channel contents.
The payload of this message contains the Channel Number (CN), Frequency Locked (FL), Presence
Rate (PR), Auxiliary Bits Format (AF), Data Type (DT), Channel Link (CL), and Data Length (DL)
parameters.
The NEXT_ACTIVATE_CHANNEL (CN) message instructs the channel to be activated at the next
Reconfiguration boundary. The payload of this message contains the Channel Number (CN) only.
The RECONFIGURE_NOW message completes the Reconfiguration sequence, causing all of the
‘NEXT_’ messages since the BEGIN_RECONFIGURATION to become active at the next valid
Superframe boundary. (A valid boundary must be at least two Slots after the end of the
RECONFIGURE_NOW message.)
Active channels can be reconfigured using the CHANGE_CONTENT, NEXT_DEFINE_CONTENT, or
NEXT_DEFINE_CHANNEL messages. Note that these changes can be effected without interrupting
the data channel; the NEXT_DEFINE_CHANNEL, for example, may be used to change a Segment
Distribution, in order to reallocate the SLIMbus bandwidth.
An active channel can be paused using the NEXT_DEACTIVATE_CHANNEL message, and re-
instated using the NEXT_ACTIVATE_CHANNEL message.
Data channels can be disconnected using the DISCONNECT_PORT or NEXT_REMOVE_CHANNEL
messages. These messages provide equivalent functionality, but use different parameters (PN or CN
respectively) to identify the affected signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com