Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 214 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 214 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 210Page - Cirrus Logic WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 392 page
background image
WM8281
214
Rev 4.0
HEADPHONE DETECT
The WM8281 headphone detection circuit measures the impedance of an external headphone load.
This feature can be used to set different gain levels or to apply other configuration settings according
to the type of load connected. Separate monitor pins are provided for headphone detection on the left
and right channels of HPOUT1.
Headphone detection can be enabled on the HPDETL pin or the HPDETR pin. Under recommended
configuration, these pins provide measurement of the HPOUT1L and HPOUTR loads respectively.
The headphone detect function can also be enabled on the MICDET1 pin or the MICDET2 pin. Note
that, in this configuration, any MICBIAS output that is connected to the selected MICDET pin must be
disabled and floating (MICBn_ENA=0, MICBn_DISCH=0).
The applicable headphone detection pin is selected using the ACCDET_MODE register. When
MICDETn is selected (ACCDET_MODE=100), the applicable MICDETn pin is determined by the
ACCDET_SRC register, as described in Table 80.
The WM8281 can only support one headphone or microphone detection function at any time. When
the detection function is not in use, it is recommended to set ACCDET_MODE=000.
Headphone detection on the selected channel is commanded by writing a ‘1’ to the HP_POLL register
bit. The impedance measurement range is configured using the HP_IMPEDANCE_RANGE register.
This register should be set in accordance with the expected load impedance.
Note that a number of separate measurements (for different impedance ranges) are typically required
in order to determine the load impedance; the recommended control sequence is described below.
Note that setting the HP_IMPEDANCE_RANGE register is not required for detection on the MICDETn
pins (ACCDET_MODE=100). Note also that the impedance measurement range, and measurement
accuracy, in this mode are different to the HPDETL and HPDETR measurement modes.
For correct operation, the respective output driver(s) must be disabled when headphone detection is
commanded on HPOUT1L or HPOUT1R. The applicable driver(s) must also be configured with
additional register settings; the requirements are detailed in Table 78.
The HP1L_ENA and HP1R_ENA register bits are defined in Table 61. The other associated register
bits are defined in Table 80.
Note
that,
when
configuring
the
HP1x_FLWR,
HP1x_SHRTI,
HP1x_SHRTO
and
HP1_TST_CAP_SEL, care is required not to change the value of other bits in the register, which may
have changed from the default setting. Accordingly, a ‘read-modify-write’ sequence is required to
implement this.
The applicable headphone output(s) configuration must be maintained until after the headphone
detection has completed.
For normal headphone driver operation, the HP1_TST_CAP_SEL register must be restored to its
default value. (The other register bits noted in Table 78 will be configured automatically when HPOUT
is enabled or disabled.)
DESCRIPTION
REQUIREMENT
HPOUT1L Impedance measurement
HP1L_ENA = 0
HP1L_FLWR = 0, HP1L_SHRTI = 0, HP1L_SHRTO = 1
HP1_TST_CAP_SEL = 01
HPOUT1R Impedance measurement
HP1R_ENA = 0
HP1R_FLWR = 0, HP1R_SHRTI = 0, HP1R_SHRTO = 1
HP1_TST_CAP_SEL = 01
Note that the output driver(s) must be disabled (HP1x_ENA=0) before setting the other control bits.
Table 78 Output Configuration for Headphone Detect
When headphone detection is commanded, the WM8281 uses an adjustable current source to
determine the connected impedance. A sweep of measurement currents is applied. The rate of this
sweep can be adjusted using the HP_CLK_DIV and HP_RATE registers. To avoid audible clicks, the
default step size should always be used (HP_RATE = 0).
The timing of the current source ramp is also controlled by the HP_HOLDTIME register. It is
recommended that the default setting (001b) be used for this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com