Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 215 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 215 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 211Page - Cirrus Logic WM8281ECS/R Datasheet HTML 212Page - Cirrus Logic WM8281ECS/R Datasheet HTML 213Page - Cirrus Logic WM8281ECS/R Datasheet HTML 214Page - Cirrus Logic WM8281ECS/R Datasheet HTML 215Page - Cirrus Logic WM8281ECS/R Datasheet HTML 216Page - Cirrus Logic WM8281ECS/R Datasheet HTML 217Page - Cirrus Logic WM8281ECS/R Datasheet HTML 218Page - Cirrus Logic WM8281ECS/R Datasheet HTML 219Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 392 page
background image
WM8281
Rev 4.0
215
The headphone detection process will typically comprise a number of separate measurements (for
different impedance ranges). Completion of each measurement is indicated by the HP_DONE register
bit. When this bit is set, the measurement result can be read from the HP_DACVAL register, and
subsequently decoded as described below.
C0 + (C1 × Offset)
(HP_DACVAL + 1.5)
C2
C3 (1 + (C4 × Gradient))
1
C5
Impedance (Ω) =
The associated parameters for decoding the measurement result are defined in Table 79. The
applicable values are dependent on the HP_IMPEDANCE_RANGE setting in each case. The ‘Offset’
and ‘Gradient’ values are derived from register fields which are factory-calibrated for each device.
PARAMETER
HP_IMPEDANCE_
RANGE=00
HP_IMPEDANCE_
RANGE=01
HP_IMPEDANCE_
RANGE=10
HP_IMPEDANCE_
RANGE=11
C0
1.007
1.007
9.696
100.684
C1
-0.0072
-0.0072
-0.0795
-0.9494
C2
4003
7975
7300
7300
C3
69.3
69.6
62.9
63.2
C4
0.0055
0.0055
0.0055
0.0055
C5
0.25
0.25
0.25
0.25
Offset
HP_OFFSET_01 +
HP_OFFSET_DIFF_00
HP_OFFSET_01
HP_OFFSET_01 +
HP_OFFSET_DIFF_10
HP_OFFSET_01 +
HP_OFFSET_DIFF_11
Gradient
HP_GRADIENT_0X
HP_GRADIENT_0X
HP_GRADIENT_1X
HP_GRADIENT_1X
Table 79 Headphone Measurement Decode parameters
Note that, to achieve the specified measurement accuracy, the above equation must be calculated to
an accuracy of at least 5 decimal places throughout.
The impedance measurement result is valid when 169
≤ HP_DACVAL ≤ 1019. (In case of any
contradiction with the HP_IMPEDANCE_RANGE description, the HP_DACVAL validity takes
precedence.)
If the external impedance is entirely unknown (ie. it could lie in any of the HP_IMPEDANCE_RANGE
regions), then it is recommended to test initially with HP_IMPEDANCE_RANGE=00. If the resultant
HP_DACVAL is < 169, then the impedance is higher than the selected measurement range, so the
test should be scheduled again, after incrementing HP_IMPEDANCE_RANGE.
Each measurement is triggered by
writing ‘1’ to the HP_POLL bit. Completion of each measurement is
indicated by the HP_DONE register bit. Note that, after the HP_DONE bit has been asserted, it will
remain asserted until the next measurement has been commanded.
A simpler, but less accurate, procedure for headphone impedance measurement is also supported,
using the HP_LVL register. When the HP_DONE bit is set, indicating completion of a measurement,
the impedance can be read directly from the HP_LVL field, provided that the value lies within the
range of the applicable HP_IMPEDANCE_RANGE setting.
Note that, for detection using one of the MICDETn pins, the HP_LVL field is the only supported
readback option. The HP_IMPEDANCE_RANGE field is not valid for detection on the MICDETn pins.
See Table 80 for further description of the HP_LVL field.
The headphone detection function is an input to the Interrupt control circuit and can be used to trigger
an Interrupt event on completion of the headphone detection -
see “Interrupts”.
The headphone detection function can also generate a GPIO output, providing an external indication
of the headphone detection. See “General Purpose Input / Output” to configure a GPIO pin for this
function.
The register fields associated with Headphone Detection are described in Table 80. The external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com