Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 295 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 295 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 291Page - Cirrus Logic WM8281ECS/R Datasheet HTML 292Page - Cirrus Logic WM8281ECS/R Datasheet HTML 293Page - Cirrus Logic WM8281ECS/R Datasheet HTML 294Page - Cirrus Logic WM8281ECS/R Datasheet HTML 295Page - Cirrus Logic WM8281ECS/R Datasheet HTML 296Page - Cirrus Logic WM8281ECS/R Datasheet HTML 297Page - Cirrus Logic WM8281ECS/R Datasheet HTML 298Page - Cirrus Logic WM8281ECS/R Datasheet HTML 299Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 392 page
background image
WM8281
Rev 4.0
295
4-WIRE (SPI) CONTROL MODE
The 4-wire (SPI) Control Interface mode is supported on CIF1 only, and uses the corresponding SS
¯¯ ,
SCLK, MOSI and MISO pins.
The MISO output pin can b
e configured as CMOS or ‘Wired OR’, as described in Table 113. In CMOS
mode, MISO
is driven low when not outputting register data bits. In ‘Wired OR’ mode, MISO is
undriven (high impedance) when not outputting register data bits.
In Write operations (R/W=0), all MOSI bits are driven by the controlling device.
In Read operations (R/W=1), the MOSI pin is ignored following receipt of the valid register address.
MISO is driven by the WM8281.
Continuous read and write modes enable multiple register operations to be scheduled faster than is
possible with single register operations. The auto-increment function supports selectable address
increments for each successive register access. This function is controlled using the SPI_AUTO_INC
register. Auto-increment (by 1) is enabled by default, as described in Table 113.
When auto-increment is enabled, the WM8281 will increment the register address at the end of the
sequences illustrated below, and every 16 clock cycles thereafter, for as long as SS
¯¯ is held low and
SCLK is toggled. Successive data words can be input/output every 16 clock cycles.
The 4-wire (SPI) protocol is illustrated in Figure 79 and Figure 80.
A30
MOSI
SCLK
31-bit control register address
16-bit control register data
R/W
SS
A29
X
X
X
X
B14
B0
B1
A1
A0
B15
16-bit padding
Figure 79 Control Interface 4-wire (SPI) Register Write
A30
MOSI
SCLK
31-bit control register address
16-bit control register data
MISO
R/W
SS
A29
X
X
X
X
X
X
X
B14
B0
B1
A1
A0
X
B15
16-bit padding
Figure 80 Control Interface 4-wire (SPI) Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com