Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8281ECS/R Datasheet(PDF) 299 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 299 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 295Page - Cirrus Logic WM8281ECS/R Datasheet HTML 296Page - Cirrus Logic WM8281ECS/R Datasheet HTML 297Page - Cirrus Logic WM8281ECS/R Datasheet HTML 298Page - Cirrus Logic WM8281ECS/R Datasheet HTML 299Page - Cirrus Logic WM8281ECS/R Datasheet HTML 300Page - Cirrus Logic WM8281ECS/R Datasheet HTML 301Page - Cirrus Logic WM8281ECS/R Datasheet HTML 302Page - Cirrus Logic WM8281ECS/R Datasheet HTML 303Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 392 page
background image
WM8281
Rev 4.0
299
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R107
(006Bh)
Always On
Triggers
Sequence
Select 6
8:0
WSEQ_JD1_FAL
L_INDEX [8:0]
1FFh
JD1 (Falling) Write Sequence start index
This field contains the index location in
the sequencer memory of the first
command in the sequence associated
with JD1 (Falling) detection.
Valid from 0 to 509 (1FDh)
Table 118 Write Sequencer Control - JD1, GP5 and MICDET Clamp
A valid clock (SYSCLK) must be enabled whenever a Control Write Sequence is scheduled.
If the JD1, GP5 or MICDET Clamp trigger status bits are associated with the Control Write Sequencer
(using the register bits in Table 85) and also configured as Wake-Up events (using the register bits in
Table 84), then the Boot Sequence must be programmed to configure and enable SYSCLK. (Note
that the default SYSCLK frequency must be used in this case.)
The Boot Sequence (see below) is scheduled as part of the Wake-Up transition, and provides the
capability to configure SYSCLK (and other register settings) prior to the Control Write Sequencer
being triggered.
Note that, if the Control Write Sequencer is triggered during normal operation, then SYSCLK will
typically be already available, and no additional requirements will apply.
DRC SIGNAL DETECT SEQUENCES
The Dynamic Range Control (DRC) function within the WM8281 Digital Core provides a configurable
signal detect function. This allows the signal level at the DRC input to be monitored and used to
trigger other events.
The DRC Signal Detect functions are enabled and configured using the register fields described in
Table 15 and Table 16 for DRC1 and DRC2 respectively.
A Control Write Sequence can be associated with a rising edge and/or a falling edge of the DRC1
Signal Detect output. This is enabled using the DRC1_WSEQ_SIG_DET_ENA register bit.
Note that signal detection is supported on DRC1 and DRC2, but the triggering of the Control Write
Sequencer is available on DRC1 only.
When the DRC Signal Detect sequence is enabled, the Control Write Sequencer will be triggered
whenever the DRC1 Signal Detect output transitions (high or low). The applicable start index location
within the sequencer memory is separately configurable for each logic condition.
The WSEQ_DRC1_SIG_DET_RISE_SEQ_INDEX register defines the sequencer start index
corresponding to a DRC1 Signal Detect Rising Edge event, as described in Table 119. The
WSEQ_DRC1_SIG_DET_FALL_SEQ_INDEX
register
defines
the
sequencer
start
index
corresponding to a DRC1 Signal Detect Falling Edge event.
Note that a sequencer start index of 1FFh will cause the respective sequence to be aborted.
The DRC Signal Detect sequences cannot be independently enabled for rising and falling edges.
Instead, a start index of 1FFh can be used to disable the sequence for either edge, if required.
The DRC Signal Detect control sequences are undefined following Power-On Reset (POR), but can
be user-programmed after power-up. Note that all control sequences are maintained in the sequencer
memory through Hardware Reset, Software Reset and in Sleep mode.
See “Digital Core” for further details of the Dynamic Range Control (DRC) function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com