Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363ABCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9363ABCZ
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9363ABCZ Datasheet HTML 3Page - Analog Devices AD9363ABCZ Datasheet HTML 4Page - Analog Devices AD9363ABCZ Datasheet HTML 5Page - Analog Devices AD9363ABCZ Datasheet HTML 6Page - Analog Devices AD9363ABCZ Datasheet HTML 7Page - Analog Devices AD9363ABCZ Datasheet HTML 8Page - Analog Devices AD9363ABCZ Datasheet HTML 9Page - Analog Devices AD9363ABCZ Datasheet HTML 10Page - Analog Devices AD9363ABCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 7 of 32
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL DATA TIMING (CMOS),
VDD_INTERFACE = 2.5 V
DATA_CLK_x Clock Period
tCP
16.276
ns
61.44 MHz
DATA_CLK_x and FB_CLK_x
Pulse Width
tMP
45% of tCP
55% of tCP
ns
Tx Data
TX_FRAME_x, P0_Dx, and P1_Dx
Setup to FB_CLK_x
tSTX
1
ns
Hold to FB_CLK_x
tHTX
0
ns
DATA_CLK_x to Data Bus
Output Delay
tDDRX
0.25
1.25
ns
DATA_CLK_x to
RX_FRAME_x Delay
tDDDV
0.25
1.25
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent ENSM mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
TDD ENSM mode
Bus Turnaround Time
TDD mode
Before Rx
tRPRE
2 × tCP
ns
After Rx
tRPST
2 × tCP
ns
Capacitive Load
3
pF
Capacitive Input
3
pF
DIGITAL DATA TIMING (LVDS)
DATA_CLK_x Clock Period
tCP
4.069
ns
245.76 MHz
DATA_CLK_x and FB_CLK_x
Pulse Width
tMP
45% of tCP
55% of tCP
ns
Tx Data
TX_FRAME_x and TX_Dx
Setup to FB_CLK_x
tSTX
1
ns
Hold to FB_CLK_x
tHTX
0
ns
DATA_CLK_x to Data Bus
Output Delay
tDDRX
0
1.5
ns
DATA_CLK_x to
RX_FRAME_x Delay
tDDDV
0
1.0
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent ENSM mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
TDD ENSM mode
Bus Turnaround Time
Before Rx
tRPRE
2 × tCP
ns
After Rx
tRPST
2 × tCP
ns
Capacitive Load
3
pF
Capacitive Input
3
pF
SUPPLY CHARACTERISTICS
1.3 V Main Supply
1.267
1.3
1.33
V
VDD_INTERFACE Supply
CMOS
1.2
2.5
V
LVDS
1.8
2.5
V
VDD_GPO Supply
1.3
3.3
3.465
V
When unused, must be set to
1.3 V
Current Consumption
VDDx, Sleep Mode
180
µA
Sum of all input currents
VDD_GPO
50
μA
No load
1 When referencing a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com