Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363ABCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9363ABCZ
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9363ABCZ Datasheet HTML 24Page - Analog Devices AD9363ABCZ Datasheet HTML 25Page - Analog Devices AD9363ABCZ Datasheet HTML 26Page - Analog Devices AD9363ABCZ Datasheet HTML 27Page - Analog Devices AD9363ABCZ Datasheet HTML 28Page - Analog Devices AD9363ABCZ Datasheet HTML 29Page - Analog Devices AD9363ABCZ Datasheet HTML 30Page - Analog Devices AD9363ABCZ Datasheet HTML 31Page - Analog Devices AD9363ABCZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 29 of 32
BB PLL
The AD9363 also contains a baseband PLL (BB PLL) synthesizer
that generates all baseband related clock signals. These signals
include the ADC and DAC sampling clocks, the DATA_CLK signal
(see the Digital Data Interface section), and all data framing
signals. The BB PLL is programmed from 700 MHz to 1400 MHz
based on the data rate and sample rate requirements of the system.
DIGITAL DATA INTERFACE
The AD9363 data interface uses parallel data ports (P0 and P1)
to transfer data between the device and the BBP. The data ports
can be configured in either single-ended CMOS format or dif-
ferential LVDS format. Both formats can be configured in multiple
arrangements to match system requirements for data ordering
and data port connections. These arrangements include single
port data bus, dual port data bus, single data rate, double data
rate, and various combinations of data ordering to transmit data
from different channels across the bus at appropriate times.
Bus transfers are controlled using simple hardware handshake
signaling. The two ports can be operated in either bidirectional
(TDD) mode or in full duplex (FDD) mode, where half the bits
are used for transmitting data and half are used for receiving
data. The interface can also be configured to use only one of the
data ports for applications that do not require high data rates
and require fewer interface pins.
DATA_CLK Signal
The AD9363 outputs the DATA_CLK signal that the BBP uses
to sample receiver data. The signal is synchronized with the
receiver data such that data transitions occur out of phase with
DATA_CLK. The DATA_CLK can be set to a rate that provides
single data rate (SDR) timing, where data is sampled on each rising
clock edge, or it can be set to provide double data rate (DDR)
timing, where data is captured on both rising and falling clock
edges. SDR or DDR timing applies to operation using either a
single port or both ports.
FB_CLK Signal
For transmit data, the interface uses the FB_CLK signal as the
timing reference. The FB_CLK signal allows source synchro-
nous timing with rising edge capture for burst control signals
and either rising edge capture (SDR mode) or both edge capture
(DDR mode) for transmit signal bursts. The FB_CLK signal
must have the same frequency and duty cycle as DATA_CLK.
RX_FRAME and TX_FRAME Signals
The device generates an RX_FRAME output signal whenever
the receiver outputs valid data. This signal has two modes: level
mode (the RX_FRAME signal stays high as long as the data is
valid) and pulse mode (the RX_FRAME signal pulses with a 50%
duty cycle). Similarly, the BBP must provide a TX_FRAME
signal that indicates the beginning of a valid data transmission
with a rising edge. Like the RX_FRAME signal, the TX_FRAME
signal stays high throughout the burst or it pulses with a 50% duty
cycle.
ENABLE STATE MACHINE
The AD9363 transceiver includes an ENSM that allows real-
time control over the current state of the device. The device can
be placed in several different states during normal operation,
including
•
Wait—power save, synthesizers disabled
•
Sleep—wait with all clocks and the BB PLL disabled
•
Tx—Tx signal chain enabled
•
Rx—Rx signal chain enabled
•
FDD—Tx and Rx signal chains enabled
•
Alert—synthesizers enabled
The ENSM has two control modes: SPI control and pin control.
SPI Control Mode
In SPI control mode, the ENSM is controlled asynchronously by
writing to SPI registers to advance the current state to the next
state. SPI control is considered asynchronous to the DATA_CLK
signal because the SPI clock can be derived from a different
clock reference and can still function properly. The SPI control
ENSM mode is recommended when real-time control of the
synthesizers is not necessary. SPI control can be used for real-
time control as long as the BBP can perform timed SPI writes
accurately.
Pin Control Mode
In pin control mode, the enable functions of the ENABLE pin
and the TXNRX pin allow real-time control of the current state.
The ENSM allows TDD or FDD operation, depending on the
configuration of the corresponding SPI register. The ENABLE
and TXNRX pin control mode is recommended if the BBP has
extra control outputs that can be controlled in real time, allow-
ing a simple 2-wire interface to control the state of the device.
To advance the current state of the ENSM to the next state,
drive the enable function of the ENABLE pin by either a pulse
(edge detected internally) or a level.
When a pulse is used, it must have a minimum pulse width of
one cycle of the FB_CLK signal. In level mode, the ENABLE
and TXNRX pins are also edge detected by the AD9363 and
must meet the same minimum pulse width requirement of one
cycle of the FB_CLK signal.
In FDD mode, the ENABLE and TXNRX pins can be remapped
to serve as real-time Rx and Tx data transfer control signals. In
this mode, the ENABLE pin assumes the receive on (RXON)
function (controls when the Rx path is enabled and disabled), and
the TXNRX pin assumes the transmit on (TXON) function
(controls when the Tx path is enabled and disabled). The ENSM
must be controlled by SPI writes in this mode while the ENABLE
and TXNRX pins control all data flow. For more information
about RXON and TXON, see the AD9363 reference manual,
available from Integrated Wideband RF Transceiver Design
Resources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com