Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363ABCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9363ABCZ
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9363ABCZ Datasheet HTML 18Page - Analog Devices AD9363ABCZ Datasheet HTML 19Page - Analog Devices AD9363ABCZ Datasheet HTML 20Page - Analog Devices AD9363ABCZ Datasheet HTML 21Page - Analog Devices AD9363ABCZ Datasheet HTML 22Page - Analog Devices AD9363ABCZ Datasheet HTML 23Page - Analog Devices AD9363ABCZ Datasheet HTML 24Page - Analog Devices AD9363ABCZ Datasheet HTML 25Page - Analog Devices AD9363ABCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 22 of 32
Figure 15. Tx Output Power vs. Frequency Offset from Carrier Frequency,
fLO_TX= 800 MHz, LTE 10 MHz Downlink (Digital Attenuation Variations Shown)
Figure 16. Integrated Tx LO Phase Noise vs. Frequency, 19.2 MHz REF_CLK
Figure 17. Tx Carrier Rejection vs. Frequency
Figure 18. Tx Second-Order Harmonic Distortion (HD2) vs. Frequency
Figure 19. Tx Third-Order Harmonic Distortion (HD3) vs. Frequency
Figure 20. Tx Third-Order Output Intercept Point (OIP3) vs. Tx Attenuation Setting
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–15
–10
–5
0
5
10
15
FREQUENCY OFFSET FROM CARRIER FREQUENCY (MHz)
ATT 0dB
ATT 3dB
ATT 6dB
0
0.1
0.2
0.3
0.4
0.5
700
750
800
850
900
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
700
750
800
850
900
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
–80
–75
–70
–65
–60
–55
–50
700
750
800
850
900
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
–60
–55
–50
–45
–40
–35
–30
–25
–20
700
750
800
850
900
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C
0
5
10
15
20
25
30
0
4
8
12
16
20
Tx ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com