Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363ABCZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9363ABCZ
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9363ABCZ Datasheet HTML 24Page - Analog Devices AD9363ABCZ Datasheet HTML 25Page - Analog Devices AD9363ABCZ Datasheet HTML 26Page - Analog Devices AD9363ABCZ Datasheet HTML 27Page - Analog Devices AD9363ABCZ Datasheet HTML 28Page - Analog Devices AD9363ABCZ Datasheet HTML 29Page - Analog Devices AD9363ABCZ Datasheet HTML 30Page - Analog Devices AD9363ABCZ Datasheet HTML 31Page - Analog Devices AD9363ABCZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 30 of 32
SPI INTERFACE
The AD9363 uses a serial peripheral interface (SPI) to communi-
cate with the BBP. The SPI can be configured as a 4-wire interface
with dedicated receive and transmit ports, or it can be configured
as a 3-wire interface with a bidirectional data communication
port. This bus allows the BBP to set all device control parameters
using a simple address data serial bus protocol.
Write commands follow a 24-bit format. The first six bits set the
bus direction and number of bytes to transfer. The next 10 bits set
the address where data is to be written. The final eight bits are the
data to be transferred to the specified register address (MSB to
LSB). The AD9363 also supports an LSB first format that allows
the commands to be written in LSB to MSB format. In this mode,
the register addresses are incremented for multibyte writes.
Read commands follow a similar format with the exception that
the first 16 bits are transferred on the SPI_DI pin, and the final
eight bits are read from the AD9363, either on the SPI_DO pin
in 4-wire mode or on the SPI_DI pin in 3-wire mode.
CONTROL PINS
Control Outputs (CTRL_OUT7 to CTRL_OUT0)
The AD9363 provides eight simultaneous real-time output
signals for use as interrupts to the BBP. These outputs can
be configured to output a number of internal settings and
measurements that the BBP uses when monitoring trans-ceiver
performance in different situations. The control output pointer
register selects the information that is output to these pins, and
the control output enable register determines which signals are
activated for monitoring by the BBP. Signals used for manual
gain mode, calibration flags, state machine states, and the ADC
output are among the outputs that can be monitored on these
pins.
Control Inputs (CTRL_IN3 to CTRL_IN0)
The AD9363 provides four edge detected control input pins. In
manual gain mode, the BBP uses these pins to change the gain
table index in real time.
GPO PINS (GPO_3 TO GPO_0)
The AD9363 provides four 3.3 V capable general-purpose logic
output pins: GPO_3, GPO_2, GPO_1, and GPO_0. These pins
control other peripheral devices such as regulators and switches
via the AD9363 SPI bus, or they function as slaves for the
internal AD9363 state machine.
AUXILIARY CONVERTERS
AUXADC
The AD9363 contains an auxiliary ADC that monitors system
functions such as temperature or power output. The converter is
12 bits wide and has an input range of 0.05 V to VDDA1P3_BB −
0.05 V. When enabled, the ADC is free running. SPI reads
provide the last value latched at the ADC output. A multiplexer in
front of the ADC allows the user to select between the AUXADC
input pin and a built-in temperature sensor.
AUXDAC1 and AUXDAC2
The AD9363 contains two identical auxiliary DACs that can
provide power amplifier (PA) bias or other system functionality.
The auxiliary DACs are 10 bits wide, have an output voltage range
of 0.5 V to VDD_GPO − 0.3 V and a current drive of 10 mA, and
can be directly controlled by the internal ENSM.
POWERING THE AD9363
The AD9363 must be powered by the following three supplies:
the analog supply (VDDx = 1.3 V), the interface supply (VDD_
INTERFACE = 1.8 V), and the GPO supply (VDD_GPO = 3.3 V).
For applications requiring optimal noise performance, split and
source the 1.3 V analog supply from low noise, low dropout
(LDO) regulators. Figure 42 shows the recommended method.
Figure 42. Low Noise Power Solution for the AD9363
For applications where board space is at a premium, and
optimal noise performance is not an absolute requirement,
provide the 1.3 V analog rail directly from a switcher, and adopt
a more integrated power management unit (PMU) approach.
Figure 43 shows this approach.
Figure 43. Space Optimized Power Solution for the AD9363
3.3V
1.8V
1.3V_A
1.3V_B
ADP2164
ADP1755
ADP1755
ADP1755
LDO
ADP5040
1.2A
BUCK
300mA
LDO
300mA
LDO
AD9363
1.3V
VDDx
1.8V
VDD_INTERFACE
3.3V
VDD_GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com