Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YR Datasheet(PDF) 5 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 5 Page - Analog Devices

  AD8137YR Datasheet HTML 1Page - Analog Devices AD8137YR Datasheet HTML 2Page - Analog Devices AD8137YR Datasheet HTML 3Page - Analog Devices AD8137YR Datasheet HTML 4Page - Analog Devices AD8137YR Datasheet HTML 5Page - Analog Devices AD8137YR Datasheet HTML 6Page - Analog Devices AD8137YR Datasheet HTML 7Page - Analog Devices AD8137YR Datasheet HTML 8Page - Analog Devices AD8137YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD8137
Data Sheet
Rev. E | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
Input Bias Current
0.3
1.1
µA
AD8137W only: TMIN-TMAX
1.1
µA
CMRR
ΔVO, dm/ΔVOCM, ΔVOCM = ±0.5 V
62
75
dB
AD8137W only: TMIN-TMAX
62
dB
Power Supply
Operating Range
+2.7
±6
V
AD8137W only: TMIN-TMAX
+2.7
±6
V
Quiescent Current
3.2
3.60
mA
AD8137W only: TMIN-TMAX
3.65
mA
Quiescent Current, Disabled
Power-down = low
750
900
µA
AD8137W only: TMIN-TMAX
900
µA
PSRR
ΔVS = ±1 V
79
91
dB
AD8137W only: TMIN-TMAX
79
dB
PD Pin
Threshold Voltage
VS− + 0.7
VS− + 1.7
V
AD8137W only: TMIN-TMAX
VS− + 0.7
VS− + 1.7
V
Input Current
Power-down = high/low
150/210
170/240
µA
AD8137W only: TMIN-TMAX
180/245
µA
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com