Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YR Datasheet(PDF) 14 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 10Page - Analog Devices AD8137YR Datasheet HTML 11Page - Analog Devices AD8137YR Datasheet HTML 12Page - Analog Devices AD8137YR Datasheet HTML 13Page - Analog Devices AD8137YR Datasheet HTML 14Page - Analog Devices AD8137YR Datasheet HTML 15Page - Analog Devices AD8137YR Datasheet HTML 16Page - Analog Devices AD8137YR Datasheet HTML 17Page - Analog Devices AD8137YR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Data Sheet
AD8137
Rev. E | Page 13 of 32
FREQUENCY (MHz)
4
3
2
1
–3
–2
–1
0
–7
–6
–5
–4
–11
–10
–9
–8
1
10
100
1000
G = 1
VS = ±5V
VO, dm = 0.1V p-p
RF = 500Ω
RF = 2kΩ
RF = 1kΩ
Figure 17. Small Signal Frequency Response for Various RF
FREQUENCY (MHz)
–65
–70
–80
–75
–85
–90
–95
–100
–105
0.1
1
10
VS = ±5V
VS = +5V
VS = +3V
G = 1
VO, dm = 2V p-p
Figure 18. Second Harmonic Distortion vs. Frequency and Supply Voltage
VO, dm (V p-p)
–50
–60
–65
–70
–55
–75
–80
–85
–90
–95
–100
0.25
1.25
2.25
3.25
4.25
5.25
7.25
8.25
6.25
9.25
FC = 500kHz
SECOND HARMONIC SOLID LINE
THIRD HARMONIC DASHED LINE
VS = +5V
VS = +5V
VS = +3V
VS = +3V
Figure 19. Harmonic Distortion vs. Output Amplitude and Supply,
FC = 500 kHz
FREQUENCY (MHz)
4
3
2
1
–3
–2
–1
0
–7
–6
–5
–4
–11
–10
–9
–8
1
10
100
1000
G = 1
VO, dm = 2V p-p
RF = 500Ω
RF = 2kΩ
RF = 1kΩ
Figure 20. Large Signal Frequency Response for Various RF
FREQUENCY (MHz)
–40
–70
–60
–50
–80
–90
–100
–110
0.1
1
10
VS = ±5V
VS = +5V
VS = +3V
G = 1
VO, dm = 2V p-p
Figure 21. Third Harmonic Distortion vs. Frequency and Supply Voltage
VO, dm (V p-p)
–50
–60
–65
–70
–55
–75
–80
–85
–90
–95
–100
0.25
1.25
2.25
3.25
4.25
5.25
7.25
8.25
6.25
9.25
VS = +5V
VS = +5V
VS = +3V
VS = +3V
FC = 2MHz
SECOND HARMONIC SOLID LINE
THIRD HARMONIC DASHED LINE
Figure 22. Harmonic Distortion vs. Output Amplitude and Supply, FC = 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com