Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YR Datasheet(PDF) 22 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 18Page - Analog Devices AD8137YR Datasheet HTML 19Page - Analog Devices AD8137YR Datasheet HTML 20Page - Analog Devices AD8137YR Datasheet HTML 21Page - Analog Devices AD8137YR Datasheet HTML 22Page - Analog Devices AD8137YR Datasheet HTML 23Page - Analog Devices AD8137YR Datasheet HTML 24Page - Analog Devices AD8137YR Datasheet HTML 25Page - Analog Devices AD8137YR Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
AD8137
Rev. E | Page 21 of 32
TEST CIRCUITS
AD8137
+
–
52.3
Ω
52.3
Ω
RL, dm 1kΩ
VO, dm
+
–
VOCM
RF
CF
RF
VTEST
TEST
SIGNAL
SOURCE
50
Ω
50
Ω
RG = 1kΩ
RG = 1kΩ
CF
MIDSUPPLY
Figure 60. Basic Test Circuit
AD8137
+
–
52.3
Ω
52.3
Ω
RL, dm VO, dm
+
–
RF = 1kΩ
RF = 1kΩ
RS
RS
VTEST
TEST
SIGNAL
SOURCE
50
Ω
50
Ω
CL, dm
RG = 1kΩ
RG = 1kΩ
VOCM
MIDSUPPLY
Figure 61. Capacitive Load Test Circuit, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com