Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 7Page - Analog Devices AD8137YR Datasheet HTML 8Page - Analog Devices AD8137YR Datasheet HTML 9Page - Analog Devices AD8137YR Datasheet HTML 10Page - Analog Devices AD8137YR Datasheet HTML 11Page - Analog Devices AD8137YR Datasheet HTML 12Page - Analog Devices AD8137YR Datasheet HTML 13Page - Analog Devices AD8137YR Datasheet HTML 14Page - Analog Devices AD8137YR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD8137
Data Sheet
Rev. E | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN
1
VOCM 2
VS+ 3
+OUT
4
+IN
8
PD
7
VS–
6
–OUT
5
AD8137
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Inverting Input.
2
VOCM
An internal feedback loop drives the output common-mode voltage to be equal to the voltage applied to
the VOCM pin, provided the operation of the amplifier remains linear.
3
VS+
Positive Power Supply Voltage.
4
+OUT
Positive Side of the Differential Output.
5
−OUT
Negative Side of the Differential Output.
6
VS−
Negative Power Supply Voltage.
7
PD
Power Down.
8
+IN
Noninverting Input.
EPAD
Exposed paddle may be connected to either ground plane or power plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com