Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YR Datasheet(PDF) 16 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 12Page - Analog Devices AD8137YR Datasheet HTML 13Page - Analog Devices AD8137YR Datasheet HTML 14Page - Analog Devices AD8137YR Datasheet HTML 15Page - Analog Devices AD8137YR Datasheet HTML 16Page - Analog Devices AD8137YR Datasheet HTML 17Page - Analog Devices AD8137YR Datasheet HTML 18Page - Analog Devices AD8137YR Datasheet HTML 19Page - Analog Devices AD8137YR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Data Sheet
AD8137
Rev. E | Page 15 of 32
VOCM (V)
–50
–60
–80
–70
–100
–90
–110
0.5
1.0
1.5
2.5
2.0
3.5
4.0
3.0
4.5
FC = 500kHz
VO, dm = 2V p-p
SECOND HARMONIC SOLID LINE
THIRD HARMONIC DASHED LINE
Figure 29. Harmonic Distortion vs. VOCM, VS = 5 V
FREQUENCY (Hz)
100
10
1
10
100
1k
10k
100k
1M
10M
100M
Figure 30. Input Voltage Noise vs. Frequency
FREQUENCY (MHz)
20
–20
–10
0
10
–50
–30
–40
–70
–60
–80
1
10
100
VIN, cm = 0.2V p-p
INPUT CMRR =
∆V
O, cm/∆VIN, cm
Figure 31. CMRR vs. Frequency
VOCM (V)
–50
–60
–70
–80
–90
–100
–110
0.5
0.7
0.9
1.3
1.1
1.5
1.7
2.3
2.1
1.9
2.5
FC = 500kHz
VO, dm = 2V p-p
SECOND HARMONIC SOLID LINE
THIRD HARMONIC DASHED LINE
Figure 32. Harmonic Distortion vs. VOCM, VS = 3 V
FREQUENCY (Hz)
1000
100
10
1
10
100
1k
10k
100k
1M
10M
100M
Figure 33. VOCM Voltage Noise vs. Frequency
FREQUENCY (MHz)
–10
–30
–20
–50
–40
–70
–60
–80
1
10
100
VO, cm = 0.2V p-p
VOCM CMRR = ∆VO, dm/∆VOCM
Figure 34. VOCM CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com