Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137YR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power, Differential ADC Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 1 Page - Analog Devices

  AD8137YR Datasheet HTML 1Page - Analog Devices AD8137YR Datasheet HTML 2Page - Analog Devices AD8137YR Datasheet HTML 3Page - Analog Devices AD8137YR Datasheet HTML 4Page - Analog Devices AD8137YR Datasheet HTML 5Page - Analog Devices AD8137YR Datasheet HTML 6Page - Analog Devices AD8137YR Datasheet HTML 7Page - Analog Devices AD8137YR Datasheet HTML 8Page - Analog Devices AD8137YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Low Cost, Low Power,
Differential ADC Driver
Data Sheet
AD8137
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Fully differential
Extremely low power with power-down feature
2.6 mA quiescent supply current @ 5 V
450 µA in power-down mode @ 5 V
High speed
110 MHz large signal 3 dB bandwidth @ G = 1
450 V/µs slew rate
12-bit SFDR performance @ 500 kHz
Fast settling time: 100 ns to 0.02%
Low input offset voltage: ±2.6 mV max
Low input offset current: 0.45 µA max
Differential input and output
Differential-to-differential or single-ended-to-differential
operation
Rail-to-rail output
Adjustable output common-mode voltage
Externally adjustable gain
Wide supply voltage range: 2.7 V to 12 V
Available in small SOIC package
Qualified for automotive applications
APPLICATIONS
ADC drivers
Automotive vision and safety systems
Automotive infotainment systems
Portable instrumentation
Battery-powered applications
Single-ended-to-differential converters
Differential active filters
Video amplifiers
Level shifters
FUNCTIONAL BLOCK DIAGRAM
–IN
1
VOCM 2
VS+ 3
+OUT
4
+IN
8
PD
7
VS–
6
–OUT
5
AD8137
Figure 1.
RG = 1kΩ
VO, dm = 0.1V p-p
FREQUENCY (MHz)
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0.1
1
10
100
1000
G = 5
G = 10
G = 1
G = 2
Figure 2. Small Signal Response for Various Gains
GENERAL DESCRIPTON
The AD8137 is a low cost differential driver with a rail-to-rail
output that is ideal for driving ADCs in systems that are sensitive
to power and cost. The AD8137 is easy to apply, and its internal
common-mode feedback architecture allows its output common-
mode voltage to be controlled by the voltage applied to one pin.
The internal feedback loop also provides inherently balanced
outputs as well as suppression of even-order harmonic distortion
products. Fully differential and single-ended-to-differential gain
configurations are easily realized by the AD8137. External
feedback networks consisting of four resistors determine the
closed-loop gain of the amplifier. The power-down feature is
beneficial in critical low power applications.
The AD8137 is manufactured on Analog Devices, Inc.,
proprietary second-generation XFCB process, enabling it to
achieve high levels of performance with very low power
consumption.
The AD8137 is available in the small 8-lead SOIC package and
3 mm × 3 mm LFCSP package. It is rated to operate over the
extended industrial temperature range of −40°C to +125°C.


Similar Part No. - AD8137YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137YR AD-AD8137YR Datasheet
815Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8137YR AD-AD8137YR Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
logo
Aavid, Thermal Division...
AD8137YR AAVID-AD8137YR Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137YR-EBZ AAVID-AD8137YR-EBZ Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137YR-REEL AD-AD8137YR-REEL Datasheet
815Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
More results

Similar Description - AD8137YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8137 AD-AD8137 Datasheet
815Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com