Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F616K Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 39Page - Cypress Semiconductor MB95F616K Datasheet HTML 40Page - Cypress Semiconductor MB95F616K Datasheet HTML 41Page - Cypress Semiconductor MB95F616K Datasheet HTML 42Page - Cypress Semiconductor MB95F616K Datasheet HTML 43Page - Cypress Semiconductor MB95F616K Datasheet HTML 44Page - Cypress Semiconductor MB95F616K Datasheet HTML 45Page - Cypress Semiconductor MB95F616K Datasheet HTML 46Page - Cypress Semiconductor MB95F616K Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 43 of 110
PRELIMINARY
MB95610H Series
15.2.3 Port 1 registers
■ Port 1 register functions
*: If the pin is an N-ch open drain pin, the pin state becomes Hi-Z.
■ Correspondence between registers and pins for port 1
*: Though P12 has no pull-up function, bit2 in the PUL1 register can still be accessed. The operation of P12 is not affected by the
setting of bit2 in the PUL1 register.
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDR1
0
Pin state is “L” level.
PDR1 value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDR1 value is “1”.
As output port, outputs “H” level.*
DDR1
0
Port input enabled
1
Port output enabled
PUL1
0
Pull-up disabled
1
Pull-up enabled
Correspondence between related register bits and pins
Pin name
-
-
P15
P14
P13
P12
-
-
PDR1
-
-
bit5
bit4
bit3
bit2*
-
-
DDR1
PUL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com